Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3560IGY-270-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3560IGY-270-T1
Description  NanoPower Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3560IGY-270-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3560IGY-270-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3560IGY-270-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3560IGY-270-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3560IGY-270-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3560IGY-270-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3560IGY-270-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3560IGY-270-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3560IGY-270-T1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AAT3560/2/4
NanoPower Voltage Detector
3560.2002.3.0.91
3
Absolute Maximum Ratings (T
A=25°C unless otherwise noted)
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at con-
ditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
Thermal Information
Note 1: Mounted on FR4 board.
Electrical Characteristics (V
IN = 5V, TA = -40 to 85°C unless otherwise noted. Typical values
are at TA=25°C, ,VCC = 5V for 4.63/4.38V versions, VCC = 3.3V for 3.08/2.93V versions, VCC = 3.0V for 2.63V
version and VCC = 2.5V for 2.32/2.2V versions )
Symbol Description
Conditions
Min
Typ
Max
Units
VCC
Operation Voltage
TA = 0 to 70ºC
1.0
5.5
V
TA = -40 to 85ºC
1.2
5.5
IQ
Quiescent Current
VCC = 3V
0.85
2
µA
VCC = 5.5V
1.05
3
VTH
RESET Threshold (Table 1)
TA = 25º C
VTH - 1.5% VTH
VTH+1.5%
V
TA = -40ºC to +85ºC
VTH - 2.5% VTH
VTH+2.5%
dVTH/ºC RESET Threshold Tempco
40
ppm/°C
ISINK =1.6mA, VCC > 2.1V,
0.3
V
VOL
RESET Low Output Voltage
RESET asserted
AAT3562, AAT3564
ISINK =100µA, VCC >1.2V,
0.4
V
RESET asserted
VOH
RESET High Output Voltage, AAT3562
ISOURCE = 800 µA
VCC -1.5
V
ISINK =1.2mA, VCC > 1.2V,
0.3
V
VOL
RESET Low Output Voltage
RESET not asserted
AAT3560
ISINK = 3.2mA, VCC > 4.5V,
0.4
V
RESET not asserted
ISOURCE = 500µA, VCC >
0.8VCC
V
VOH
RESET High Output Voltage
2.1V, RESET asserted
AAT3560
ISOURCE = 50µA, VCC >
0.8VCC
V
1.2V, RESET asserted
IDOFF
RESET Leakage Current, AAT3564
VCC > VTH
1µA
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance
1
200
°C/W
PD
Maximum Power Dissipation
1
320
mW
Symbol
Description
Value
Units
VCC
VCC to GND
-0.3 to 5.5
V
VRESET
RESET to GND (Push-Pull Output)
-0.3 to VCC+0.3
V
RESET to GND (Open Drain Output)
-0.3 to 5.5
IMAX
Maximum Continuous Input Current
20
mA
IRESET
RESET/RESET Current
20
mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at Leads) for 10s
300
°C


Similar Part No. - AAT3560IGY-270-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3560IGY-2.20-T1 AAT-AAT3560IGY-2.20-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560IGY-2.20-T1 ANALOGICTECH-AAT3560IGY-2.20-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analog Technol...
AAT3560IGY-2.50-T1 AAT-AAT3560IGY-2.50-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560IGY-2.50-T1 ANALOGICTECH-AAT3560IGY-2.50-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
More results

Similar Description - AAT3560IGY-270-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com