Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKN100 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # FKN100
Description  Flame-Proof Type Normal & Miniature Style [ FKN Series ]
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FKN100 Datasheet(HTML) 1 Page - YAGEO Corporation

  FKN100 Datasheet HTML 1Page - YAGEO Corporation FKN100 Datasheet HTML 2Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Leaded ResistoRs
diMeNsioNs
Unit: mm
stYLe
diMeNsioN
Normal
Miniature
L
ød
H
ød
FKN-25
FKN50S
6.3±0.5
2.4±0.2
28±2.0
0.55±0.05
FKN-50
FKN1WS
9.0±0.5
3.3±0.3
26±2.0
0.55±0.05
FKN100
FKN2WS
11.5±1.0
4.5±0.5
35±2.0
0.8±0.05
FKN200
FKN3WS
15.5±1.0
5.0±0.5
33±2.0
0.8±0.05
FKN300
FKN400
FKN5WS
17.5±1.0
6.5±0.5
32±2.0
0.8±0.05
FKN500
FKN7WS
24.5±1.0
8.0±0.5
38±2.0
0.8±0.05
Note: FKN1WS ( for MB Type ) ød = 0.8±0.05 mm
FeatURes
Power Rating
1/4W, 1/2W, 1W, 2W, 3W, 4W, 5W, 7W
Resistance Tolerance
±1%, ±5%
T.C.R.
±350ppm/°C
Flameproof Multi-layer Coating Meets
UL-94V-0
Flameproof Feature Meets Overload Test
UL-1412
deRatiNG CURVe
For resistors operated in ambient temperatures above 40°C, power rating must be derated
in accordance with the curve below.
Fusible Wirewound
Resistors
iNtRodUCtioN
The resistor element is a resistive wire which
is wound in a single layer on a ceramic rod,
tinned connecting wires of electrolytic copper
are welded to the end-caps. The ends of the
resistance wire and the leads are connected to
the caps by welding. The resistors are coated
with layers of green color flame proof lacquer.
Overload protection without risk of fire. Wide
range of overload currents.
Flame-Proof Type
Normal & Miniature Style [ FKN Series ]
ød
H
L
øD
th color code: white
Rated Load (%)
Ambient Temperature (°C)
300
250
200
150
100
50
100
80
60
40
20
70
3W-7W
1/4W-3WS
155
275
40
°C


Similar Part No. - FKN100

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
FKN100 YAGEO-FKN100 Datasheet
247Kb / 2P
   Fusible & Flame-Proof Type Normal & Miniature Style [ FKN Series ]
More results

Similar Description - FKN100

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
FKN300FR-73-15R YAGEO-FKN300FR-73-15R Datasheet
247Kb / 2P
   Fusible & Flame-Proof Type Normal & Miniature Style [ FKN Series ]
logo
List of Unclassifed Man...
RSF ETC1-RSF Datasheet
46Kb / 2P
   FLAME-PROOF TYPE
CFR-25JT-52 ETC2-CFR-25JT-52 Datasheet
131Kb / 2P
   Normal & Miniature Style CFR Series
logo
YAGEO Corporation
FMP-50 YAGEO-FMP-50 Datasheet
122Kb / 2P
   High Power Flame-Proof type
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
   Flame-Proof Fusible Resistors
logo
List of Unclassifed Man...
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RMX TAITRON-RMX Datasheet
281Kb / 8P
   Metal Oxide Resistor Normal & Miniature Style
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
TAITRON Components Inco...
RMF TAITRON-RMF Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com