Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXFS1045 Datasheet(PDF) 2 Page - API Technologies Corp

Part # BXFS1045
Description  2-18 GHz Broadband sunthesizer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXFS1045 Datasheet(HTML) 2 Page - API Technologies Corp

  BXFS1045 Datasheet HTML 1Page - API Technologies Corp BXFS1045 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Miscellaneous:
1. Specifications labeled “min.” or “max.” are guaranteed in a 50 Ohm system over the specified temperature range.
2. Higher output power is available.
3. Other input voltages are available.


Similar Part No. - BXFS1045

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXF RUBYCON-BXF Datasheet
229Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Artesyn Technologies
BXF200 ARTESYN-BXF200 Datasheet
59Kb / 3P
   72-132W Wide Input DC/DC Converters
BXF200-48S1V8L ARTESYN-BXF200-48S1V8L Datasheet
59Kb / 3P
   72-132W Wide Input DC/DC Converters
BXF200-48S2V0L ARTESYN-BXF200-48S2V0L Datasheet
59Kb / 3P
   72-132W Wide Input DC/DC Converters
BXF200-48S2V5L ARTESYN-BXF200-48S2V5L Datasheet
59Kb / 3P
   72-132W Wide Input DC/DC Converters
More results

Similar Description - BXFS1045

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
BT-0018 MARKIMICROWAVE-BT-0018 Datasheet
478Kb / 4P
   Broadband: 40 kHz to 18 GHz
logo
Teledyne Technologies I...
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 18 GHz
logo
Micronetics, Inc.
NMA2218-A1T MICRONETICS-NMA2218-A1T Datasheet
182Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 GHz to 18 GHz
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SUF-6000 SIRENZA-SUF-6000 Datasheet
132Kb / 4P
   2-16 GHz Broadband pHEMT Amplifier
logo
Teledyne Technologies I...
TGM-18-2004 TELEDYNE-TGM-18-2004 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 18 GHz
TGM-18-2005 TELEDYNE-TGM-18-2005 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com