Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4626IHS-1-B1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT4626IHS-1-B1
Description  USB Dual-Channel Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4626IHS-1-B1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT4626IHS-1-B1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4626IHS-1-B1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4626IHS-1-B1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4626IHS-1-B1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4626IHS-1-B1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4626IHS-1-B1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4626IHS-1-B1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4626IHS-1-B1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4626IHS-1-B1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
recovers. Since this cycle would be self-perpetuat-
ing, the entire circuit could be seen to be unstable. In
the very rare case where capacitor cost is prohibitive
and the input capacitor is omitted, the output load cir-
cuit should be slew rate limited when turned on.
Output Capacitor
In order to insure stability while the device current
limit is active, a small capacitance of approximately
1µF should be used on each output. When either
output of the AAT4626 is activated using the
EN(A/B) function, there are no momentary current
transients as in the case of when a short circuit sud-
denly applied to a device that is already on. Refer to
the characteristic curve named "Turn-On/OFF
Response".
Regardless of output capacitor size,
output current on either output is limited to the value
allowed by the threshold determined by the internal
current limiting circuitry. Refer to the internal current
limit threshold specifications stated in the electrical
characteristics section of this datasheet. This per-
mits very large output capacitors to be used.
For example, USB ports are specified to have at
least 120µF of down stream capacitance from their
controlling power switch. An output capacitance as
large as 1000µF would not disturb the input power
supply to an AAT4626 used to control a USB port.
EN Inputs
The AAT4626 has two enable inputs, ENA and
ENB. These two enable inputs allow the AAT4626
to independently control each respective output.
The device is available in both active high EN
enable and active low (EN) enable versions. For
specific part numbers, refer to the ordering infor-
mation section. When both the A and B outputs of
the AAT4626 are in the off state, the respective out-
puts are an open circuit and the device quiescent
current consumption is reduced to less than 1µA.
The ENA and ENB threshold voltages are set to
allow the AAT4626 to be controlled by 5 volt TTL
levels as well as CMOS compatible levels ranging
from 2.5 volts to 5 volts. The ENA or ENB function
control voltage levels should not exceed the input
supply level applied to the IN pin.
Fault Flag Output
The AAT4626 features an active low fault flag
(FLGA and FLGB) output for each A and B output
channel. The fault flags are provided to alert the
system if the over current or over temperature cir-
cuits become active or if the load switch is not
receiving a sufficient voltage level to operate prop-
erly. If either the current limit or over temperature
circuits in any combination are constantly active for
more than approximately ten milliseconds, the
FLG(A/B) pin is pulled to ground internally through
an open drain device. The 10 millisecond delay on
the fault function is intended to prevent capacitive
loads connected to one of the load switch outputs
from activating it's respective flag when the device
is turned on. The placement of a pull up resistor
between the FLGA or FLGB pin and the IN pin is
recommended. Reasonable values for the pull up
resistor should range from 10k
Ω to 100kΩ. Since
the fault flags are open drain terminals, they may be
pulled up to any voltage that is not greater than the
level present on the IN pin. This is done to allow the
AAT4625 to signal ancillary circuitry that is powered
by voltage levels less than the level on the IN pin.
If a fault flag delay greater then 10ms is required,
addition delay may be added by use of an RC filter.
Referencing to Figure 1, an RC filter can be added
to the fault flag output.
Reverse Voltage
The AAT4626 is designed to control current flowing
from IN to OUT.
If a voltage is applied to OUT
which is greater than that on IN, a large resulting
reverse current may flow, potentially damaging the
AAT4626.
Under Voltage Lockout
The AAT4626 has been designed with an under
voltage lockout (UVLO) control circuit. The under
voltage lockout prevents the output MOSFET
devices from turning on until VIN exceeds the typi-
cal UVLO threshold of 2.3 volts. During operation,
the device will automatically shutdown if VIN falls
below the UVLO threshold and the fault flags will
be toggled.
AAT4626
USB Dual-Channel Power Switch
8
4626.2002.1.0.93


Similar Part No. - AAT4626IHS-1-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4626IHS-1-T1 AAT-AAT4626IHS-1-T1 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analogic Techn...
AAT4626IHS-1-T1 ANALOGICTECH-AAT4626IHS-1-T1 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
More results

Similar Description - AAT4626IHS-1-B1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH
logo
Advanced Analog Technol...
AAT4626 AAT-AAT4626 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
   Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
   Dual Channel USB Switch
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
   Dual-Channel USB High-Side Power Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
   DUAL USB POWER SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com