Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5112T1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MUN5112T1
Description  PNP SILICON BIAS RESISTOR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUN5112T1 Datasheet(HTML) 1 Page - Motorola, Inc

  MUN5112T1 Datasheet HTML 1Page - Motorola, Inc MUN5112T1 Datasheet HTML 2Page - Motorola, Inc MUN5112T1 Datasheet HTML 3Page - Motorola, Inc MUN5112T1 Datasheet HTML 4Page - Motorola, Inc MUN5112T1 Datasheet HTML 5Page - Motorola, Inc MUN5112T1 Datasheet HTML 6Page - Motorola, Inc MUN5112T1 Datasheet HTML 7Page - Motorola, Inc MUN5112T1 Datasheet HTML 8Page - Motorola, Inc MUN5112T1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PIN3
COLLECTOR
(OUTPUT)
PIN2
EMITTER
(GROUND)
PIN1
BASE
(INPUT)
R1
R2
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with
Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its
external resistor bias network. The BRT (Bias Resistor Transistor) contains a single
transistor with a monolithic bias network consisting of two resistors; a series base
resistor and a base–emitter resistor. The BRT eliminates these individual components
by integrating them into a single device. The use of a BRT can reduce both system
cost and board space. The device is housed in the SC–70/SOT–323 package which
is designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• The SC–70/SOT–323 package can be soldered using
wave or reflow. The modified gull–winged leads absorb
thermal stress during soldering eliminating the possibility
of damage to the die.
• Available in 8 mm embossed tape and reel
Use the Device Number to order the 7 inch/3000 unit reel.
Replace “T1” with “T3” in the Device Number to order
the 13 inch/10,000 unit reel.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector–Base Voltage
VCBO
50
Vdc
Collector–Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation @ TA = 25°C(1)
Derate above 25
°C
PD
*150
1.2
mW
mW/
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction–to–Ambient (surface mounted)
R
θJA
833
°C/W
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +150
°C
Maximum Temperature for Soldering Purposes,
Time in Solder Bath
TL
260
10
°C
Sec
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
MUN5111T1
MUN5112T1
MUN5113T1
MUN5114T1
MUN5115T1(2)
6A
6B
6C
6D
6E
10
22
47
10
10
10
22
47
47
MUN5116T1(2)
MUN5130T1(2)
MUN5131T1(2)
MUN5132T1(2)
MUN5133T1(2)
MUN5134T1(2)
6F
6G
6H
6J
6K
6L
4.7
1.0
2.2
4.7
4.7
22
1.0
2.2
4.7
47
47
1. Device mounted on a FR–4 glass epoxy printed circuit board using the minimum recommended footprint.
2. New devices. Updated curves to follow in subsequent data sheets.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MUN5111T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PNP SILICON
BIAS RESISTOR
TRANSISTOR
Motorola Preferred Devices
CASE 419–02, STYLE 3
SC–70/SOT–323
MUN5111T1
SERIES
1
2
3
© Motorola, Inc. 1996
REV 2


Similar Part No. - MUN5112T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5112T1 ONSEMI-MUN5112T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Leshan Radio Company
MUN5112T1 LRC-MUN5112T1 Datasheet
205Kb / 11P
   Bias Resistor Transistor
logo
ON Semiconductor
MUN5112T1 ONSEMI-MUN5112T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
MUN5112T1 ONSEMI-MUN5112T1 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5112T1G ONSEMI-MUN5112T1G Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
More results

Similar Description - MUN5112T1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com