Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3526ICX-438-200-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3526ICX-438-200-T1
Description  MicroPower Supervisory Circuit with Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3526ICX-438-200-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3526ICX-438-200-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3526ICX-438-200-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3526ICX-438-200-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3526ICX-438-200-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3526ICX-438-200-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3526ICX-438-200-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3526ICX-438-200-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3526ICX-438-200-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3526ICX-438-200-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AAT3526/7/8
MicroPower Supervisory Circuit with Manual Reset
3526.2002.1.0.62
5
Typical Characteristics
Maximum Transient Duration
vs. Reset Threshold Overdrive
0
50
100
150
200
250
300
350
400
1
10
100
1000
Reset Threshold Overdrive,
VTH-VCC (mV)
Power-Down Reset Propagation
Delay vs. Temperature
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
Temperature (
°C)
VOD=10mV
VOD=100mV
Power-Up Reset Timeout
vs. Temperature
160
180
200
220
240
260
280
300
320
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Normalized Reset Threshold
vs. Temperature
0.997
0.998
0.999
1.000
1.001
1.002
1.003
-40
-20
0
20
40
60
80
Temperature (
°C)
Supply Current vs. Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-40
-20
0
20
40
60
80
Temperature (
°C)
VCC=5V
VCC=3V


Similar Part No. - AAT3526ICX-438-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3526ICX-4.38-200-T1 AAT-AAT3526ICX-4.38-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analogic Techn...
AAT3526ICX-4.38-200-T1 ANALOGICTECH-AAT3526ICX-4.38-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526ICX-4.63-200-T1 AAT-AAT3526ICX-4.63-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analogic Techn...
AAT3526ICX-4.63-200-T1 ANALOGICTECH-AAT3526ICX-4.63-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
More results

Similar Description - AAT3526ICX-438-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com