Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1585U-1.5 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1585U-1.5
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1585U-1.5 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1585U-1.5 Datasheet HTML 1Page - Sipex Corporation SPX1585U-1.5 Datasheet HTML 2Page - Sipex Corporation SPX1585U-1.5 Datasheet HTML 3Page - Sipex Corporation SPX1585U-1.5 Datasheet HTML 4Page - Sipex Corporation SPX1585U-1.5 Datasheet HTML 5Page - Sipex Corporation SPX1585U-1.5 Datasheet HTML 6Page - Sipex Corporation SPX1585U-1.5 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Date: 04/29/04
SPX1585
5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• Powering VGA & Sound Card
• Fixed Output Voltages 1.5V, 2.5V, 3.3V
• Power PC Supplies
• Output Current Of 5A
• SMPS Post-Regulator
• Low Dropout Voltage 1.1V Typ @ 5A.
• High Efficiency “Green” Computer Systems
• Extremely Tight Load And Line Regulation
• High Efficiency Linear Power Supplies
• Current & Thermal Limiting
• Portable Instrumentation
• Standard 3-Terminal Low Cost TO-220 & TO-263
• Constant Current Regulators
• Similar To Industry Standard LT1085/LT1585
• Adjustable Power Supplies
• Battery charger
PRODUCT DESCRIPTION
The SPX1585 are low power 5A adjustable and fixed voltage regulators that are very easy to use. It requires only 2 external resistors
to set the output voltage for adjustable version. The SPX1585 are designed for low voltage applications that offer lower dropout
voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a
lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies
applications. The SPX1585 features low dropout of a maximum 1.2 volts.
The SPX1585 offers full protection against over-current faults, reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into the load, which
increases efficiency.
The SPX1585 are offered in a 3-pin TO-220 and TO-263 package compatible with other 3 terminal regulators. For a 8A low dropout
regulator refer to the SPX1584 data sheet.
PIN CONNECTIONS
Top View
TO-263-3 (T)
1
2
3
ADJ/GND
V
OUT
V
IN
SPX1585
Front View
TO-220-3 (U)
SPX1585
1
2
V
IN
V
OUT
ADJ/GND
3


Similar Part No. - SPX1585U-1.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1585U-1.5 SIPEX-SPX1585U-1.5 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585U-1.5 SIPEX-SPX1585U-1.5 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX1585U-1.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com