Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G17GS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G17GS
Description  Single Schmitt trigger buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G17GS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G17GS Datasheet HTML 2Page - NXP Semiconductors 74LVC1G17GS Datasheet HTML 3Page - NXP Semiconductors 74LVC1G17GS Datasheet HTML 4Page - NXP Semiconductors 74LVC1G17GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G17GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G17GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G17GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G17GS Datasheet HTML 9Page - NXP Semiconductors 74LVC1G17GS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
74LVC1G17
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
6 of 21
NXP Semiconductors
74LVC1G17
Single Schmitt trigger buffer
[1]
All typical values are measured at maximum VCC and Tamb = 25 C.
[1]
All typical values are measured at Tamb = 25 C.
IOFF
power-off leakage current VI or VO = 5.5 V; VCC =0 V
-
-
200
A
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65Vto 5.5V; IO =0A
-
-
200
A
I
CC
additional supply current
per pin; VI =VCC  0.6 V; IO =0A;
VCC = 2.3 V to 5.5 V
--
5000
A
Table 7.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 8.
Transfer characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VT+
positive-going
threshold voltage
see Figure 8 and Figure 9
VCC = 1.8 V
0.82
1.0
1.14
0.79
1.14
V
VCC = 2.3 V
1.03
1.2
1.40
1.00
1.40
V
VCC = 3.0 V
1.29
1.5
1.71
1.26
1.71
V
VCC = 4.5 V
1.84
2.1
2.36
1.81
2.36
V
VCC = 5.5 V
2.19
2.5
2.79
2.16
2.79
V
VT
negative-going
threshold voltage
see Figure 8 and Figure 9
VCC = 1.8 V
0.46
0.6
0.75
0.46
0.78
V
VCC = 2.3 V
0.65
0.8
0.96
0.65
0.99
V
VCC = 3.0 V
0.88
1.0
1.24
0.88
1.27
V
VCC = 4.5 V
1.32
1.5
1.84
1.32
1.87
V
VCC = 5.5 V
1.58
1.8
2.24
1.58
2.27
V
VH
hysteresis
voltage
see Figure 8, Figure 9 and
Figure 10
VCC = 1.8 V
0.26
0.4
0.51
0.19
0.51
V
VCC = 2.3 V
0.28
0.4
0.57
0.22
0.57
V
VCC = 3.0 V
0.31
0.5
0.64
0.25
0.64
V
VCC = 4.5 V
0.40
0.6
0.77
0.34
0.77
V
VCC = 5.5 V
0.47
0.6
0.88
0.41
0.88
V


Similar Part No. - 74LVC1G17GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G17GS NEXPERIA-74LVC1G17GS Datasheet
284Kb / 19P
   Single Schmitt trigger buffer
Rev. 14 - 14 January 2022
More results

Similar Description - 74LVC1G17GS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com