Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3520IGY-308-200-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3520IGY-308-200-T1
Description  MicroPower Microprocessor Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3520IGY-308-200-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3520IGY-308-200-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3520IGY-308-200-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3520IGY-308-200-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3520IGY-308-200-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3520IGY-308-200-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3520IGY-308-200-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3520IGY-308-200-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3520IGY-308-200-T1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AAT3520/2/4
MicroPower Microprocessor Reset Circuit
3520.2002.2.0.9
3
Absolute Maximum Ratings (T
A=25°C unless otherwise noted)
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at con-
ditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
Thermal Information
Note 1: Mounted on an FR4 board.
Electrical Characteristics (V
IN = 5V, TA = -40 to 85°C unless otherwise noted. Typical values
are at T
A=25°C, VCC = 5V for 4.63/4.38V versions, VCC = 3.3V for 3.08/2.93V versions, VCC = 3.0V for 2.63V
version and V
CC = 2.5V for 2.32/2.2V versions )
Symbol
Description
Conditions
Min
Typ
Max
Units
V
CC
Operation Voltage
T
A = 0ºC to +70ºC
1.0
5.5
V
T
A = -40ºC to +85ºC
1.2
5.5
I
Q
Quiescent Current
V
CC = 5.5V
1.05
3
µA
V
CC = 3V
0.85
2
V
TH
RESET Threshold (Table 1)
T
A = 25ºC
V
TH -1.5%
V
TH
V
TH +1.5%
V
T
A = -40ºC to +85ºC
V
TH -2.5%
V
TH
V
TH +2.5%
∆V
TH/°C
RESET Threshold Tempco
40
ppm/°C
t
P
RESET Propagation Delay
V
CC = VTH to (VTH -100mV)
15
µs
-50 option
30
50
100
t
RDY
RESET Active Timeout Period
-200 option
150
250
400
ms
I
SINK =1.6mA, VCC > 2.1V,
0.3
V
OL
RESET Low Output Voltage
RESET asserted
V
AAT3522, AAT3524
I
SINK =100µA, VCC >1.2V,
0.4
RESET asserted
V
OH
RESET High Output Voltage
I
SOURCE = 800 µA
V
CC -1.5
V
AAT3522
I
SINK =1.2mA, VCC > 1.2V,
0.3
V
OL
RESET Low Output Voltage
RESET not asserted
V
AAT3520
I
SINK = 3.2mA, VCC > 4.5V,
0.4
RESET not asserted
I
SOURCE = 500µA, VCC > 2.1V,
0.8V
CC
V
OH
RESET High Output Voltage
RESET asserted
V
AAT3520
I
SOURCE = 50µA, VCC > 1.2V,
0.8V
CC
RESET asserted
I
DOFF
RESET leakage current, AAT3524
V
CC > VTH
1µA
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance (SOT23-3)
1
200
°C/W
P
D
Maximum Power Dissipation (SOT23-3)
1
320
mW
Symbol
Description
Value
Units
V
CC
V
CC to GND
-0.3 to 5.5
V
V
RESET
RESET to GND (Push-Pull Output)
-0.3 to V
CC+0.3
V
RESET to GND (Open Drain Output)
-0.3 to 5.5
I
MAX
Maximum Continuous Input Current
20
mA
I
RESET
RESET/RESET Current
20
mA
dVcc/dt
Rate of rise of Vcc
100
V/µs
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at Leads) for 10s
300
°C


Similar Part No. - AAT3520IGY-308-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3520IGY-3.08-200-T1 AAT-AAT3520IGY-3.08-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3520IGY-3.08-200-T1 ANALOGICTECH-AAT3520IGY-3.08-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520IGY-3.08-50-T1 AAT-AAT3520IGY-3.08-50-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3520IGY-3.08-50-T1 ANALOGICTECH-AAT3520IGY-3.08-50-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3520IGY-308-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com