Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3220IQY-24-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3220IQY-24-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3220IQY-24-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3220IQY-24-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3220IQY-24-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3220IQY-24-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3220IQY-24-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3220IQY-24-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3220IQY-24-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3220IQY-24-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3220IQY-24-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3220IQY-24-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3220
150mA NanoPower™ LDO Linear Regulator
8
3220.2001.09.1.0
Functional Block Diagram
Over-Current
Protection
Over-Temp
Protection
V
REF
IN
GND
OUT
Functional Description
The AAT3220 is intended for LDO regulator appli-
cations where output current load requirements
range from No Load to 150mA.
The advanced circuit design of the AAT3220 has
been optimized for minimum quiescent or ground
current consumption making it ideal for use in power
management systems for small battery operated
devices. The typical quiescent current level is just
1.1µA. The LDO also demonstrates excellent power
supply ripple rejection (PSRR) and load and line
transient response characteristics. The AAT3220 is
a truly high performance LDO regulator especially
well suited for circuit applications which are sensitive
to load circuit power consumption and extended bat-
tery life.
The LDO regulator output has been specifically
optimized to function with low cost, low ESR
ceramic capacitors. However, the design will allow
for operation with a wide range of capacitor types.
The AAT3220 has complete short circuit and thermal
protection. The integral combination of these two
internal protection circuits give the AAT3220 a com-
prehensive safety system to guard against extreme
adverse operating conditions. Device power dissi-
pation is limited to the package type and thermal dis-
sipation properties. Refer to the thermal considera-
tions section for details on device operation at max-
imum output load levels.


Similar Part No. - AAT3220IQY-24-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3220IQY-2.0-T1 AAT-AAT3220IQY-2.0-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220IQY-2.0-T1 ANALOGICTECH-AAT3220IQY-2.0-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220IQY-2.3-T1 AAT-AAT3220IQY-2.3-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220IQY-2.3-T1 ANALOGICTECH-AAT3220IQY-2.3-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220IQY-2.4-T1 AAT-AAT3220IQY-2.4-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3220IQY-24-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com