Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4601IHS-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT4601IHS-T1
Description  1.5A Current Limited P-Channel Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4601IHS-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT4601IHS-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4601IHS-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4601IHS-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4601IHS-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4601IHS-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4601IHS-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4601IHS-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4601IHS-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4601IHS-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Applications Information
Setting Current Limit
A simple three-step procedure can be used to
adjust the AAT4601's current limit. First, the maxi-
mum current required by the load should be deter-
mined. Second, select a resistor that guarantees
adequate current is available to the load under nor-
mal conditions. Finally, the maximum current that
can pass through the switch can be calculated and
compared to the maximum current available.
Step 1: The maximum current required by a load
is usually defined in port specifications design
application references.
For example, USB ports
are specified to support loads of up to 500 mA.
Step 2: The most convenient method for deter-
mining a current limit resistor value is to look it up
in the provided table named "Current Limit RSET
Values".
Find the lowest current value that is
greater than the maximum load current in the given
application. Refer to the column named "Device
will not current limit below".
The resistor value
needed is in the corresponding row named "RSET".
For example, a USB port requires 500 mA. The
lowest level where the device will current limit
above 500 mA is 516 mA.
The corresponding
resistor value for RSET would be 2kΩ .
Step 3: Now the required resistor value has been
determined.
The maximum current that can be
drawn, even with a short circuit applied to the out-
put, can be determined by reading the column
labeled "Device always current limits below". If the
power supply connected to the AAT4601's input can
provide this current level, the power supply voltage
will not collapse when a short circuit is applied to the
load switch output. For example, a notebook com-
puter has a USB port which is powered by an
AAT4601 with a 2k
Ω resistor connected between
the SET pin and GND. If the power supply con-
nected to the AAT4601's IN pin can provide more
than 917 mA, this supply will remain in regulation
even if a short circuit is applied to the USB port.
Current Limit RSET Values
AAT4601
1.5A Current Limited P-Channel Switch
8
4601.2001.11.0.92
RSET
Current
Device will
Device always
(
Ω)
Limit typ
not current
current limits
(mA)
limit below:
below:
(mA)
(mA)
470
1585
1141
2029
510
1529
1101
1957
560
1466
1055
1876
620
1397
1006
1788
680
1334
960
1707
750
1266
911
1620
820
1206
869
1544
910
1144
823
1464
1000
1089
784
1394
1100
1034
745
1324
1200
986
710
1262
1300
941
677
1204
1500
865
623
1107
1600
829
597
1061
1800
769
554
985
2000
716
516
917
2200
673
485
861
2400
633
456
811
2700
582
419
745
3000
539
388
690
3300
502
362
643
3600
470
339
602
3900
442
318
565
4300
410
295
524
4700
382
275
489
5100
358
258
458
5600
332
239
424
6200
306
220
392
6800
283
204
362
7500
268
193
343


Similar Part No. - AAT4601IHS-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4601IAS-T1 SKYWORKS-AAT4601IAS-T1 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
AAT4601IAS-T1 SKYWORKS-AAT4601IAS-T1 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
May 3, 2012
More results

Similar Description - AAT4601IHS-T1

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Advanced Analog Technol...
AAT4601 AAT-AAT4601 Datasheet
341Kb / 16P
   1.8A Current Limited P-Channel Switch
logo
Advanced Analogic Techn...
AAT4601A ANALOGICTECH-AAT4601A Datasheet
343Kb / 16P
   1.8A Current Limited P-Channel Switch
logo
Skyworks Solutions Inc.
AAT4601 SKYWORKS-AAT4601_12 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com