Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3560IGY-230-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3560IGY-230-T1
Description  NanoPower Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3560IGY-230-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3560IGY-230-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3560IGY-230-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3560IGY-230-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3560IGY-230-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3560IGY-230-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3560IGY-230-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3560IGY-230-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3560IGY-230-T1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics (Unless otherwise noted, V
IN = 5V, TA = 25°C)
Maximum Transient Duration
vs. Reset Threshold Overdrive
0
50
100
150
200
250
300
350
400
1
10
100
1000
Reset Threshold Overdrive,
VTH-VCC (mV)
Power-Down Reset Propagation
Delay vs. Temperature
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
Temperature (
°C)
VOD=10mV
VOD=100mV
Normalized Reset Threshold
vs. Temperature
0.997
0.998
0.999
1.000
1.001
1.002
1.003
-40
-20
0
20
40
60
80
Temperature (
°C)
Supply Current vs. Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-40
-20
0
20
40
60
80
Temperature (
°C)
VCC=5V
VCC=3V
AAT3560/2/4
NanoPower Voltage Detector
4
3560.2002.3.0.91


Similar Part No. - AAT3560IGY-230-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3560IGY-2.20-T1 AAT-AAT3560IGY-2.20-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560IGY-2.20-T1 ANALOGICTECH-AAT3560IGY-2.20-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analog Technol...
AAT3560IGY-2.50-T1 AAT-AAT3560IGY-2.50-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560IGY-2.50-T1 ANALOGICTECH-AAT3560IGY-2.50-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
More results

Similar Description - AAT3560IGY-230-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com