Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6747DZKBT3 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6747DZKBT3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6747DZKBT3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6747DZKBT3 Datasheet HTML 3Page - Texas Instruments TMS320C6747DZKBT3 Datasheet HTML 4Page - Texas Instruments TMS320C6747DZKBT3 Datasheet HTML 5Page - Texas Instruments TMS320C6747DZKBT3 Datasheet HTML 6Page - Texas Instruments TMS320C6747DZKBT3 Datasheet HTML 7Page - Texas Instruments TMS320C6747DZKBT3 Datasheet HTML 8Page - Texas Instruments TMS320C6747DZKBT3 Datasheet HTML 9Page - Texas Instruments TMS320C6747DZKBT3 Datasheet HTML 10Page - Texas Instruments TMS320C6747DZKBT3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
Revision History (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 3-1, System Configuration (SYSCFG) Module Register Access:
Section 3.2
Updated/Changed 0x01C1 4018, DEVIDR0 REGISTER DESCRIPTION from “Device Identification
SYSCFG Module
Register 0” to “JTAG Identification Register”
Added 0x01C1 4024, CHIPREVID, Silicon Revision Identification Register row
Section 4.1, Absolute Maximum Ratings Over Operating Case Temperature Range:
Section 4
Updated/Changed Input voltage ranges, “VI I/O, CVDD" to "VI I/O, 1.2V"
Device Operating
Updated/Changed Input voltage ranges, VI I/O, 3.3V (Steady State) from “-0.3V to DVDD + 0.3V” to “-
Conditions
0.3V to DVDD + 0.35V”
Section 4.2, Recommended Operating Conditions:
Updated/Change DVDD, Supply voltage, I/O, 3.3V (DVDD, USB0_VDDA33, USB1_VDDA33) MIN value
from “3.15” to “3.0” V
Section 5.3.1, Power-on Sequence:
Section 5.3
Power Supplies
Updated/Changed, for clarity, the order the device should be powered-on
Section 5.5.1, Power-On Reset (POR):
Section 5.5
Reset
Updated/Changed "A power-on reset (POR) is required ..." paragraph
Section 5.5.2, Warm Reset:
Updated/Changed “A warm reset provides …” paragraph
Table 5-7, C6745/6747 DSP Interrupts:
Section 5.5
Updated/Changed EVT# 6, 17, 22, 35, 39, 44, 50, 66 from “RESERVED” to “PRU_EVTOUTx” where x
DSP Interrupts
is 0, 1, 3, 5, 6, 7, and 4, respectively
Table 5-7, C6745/6747 DSP Interrupts:
Section 5.8.1
Updated/Changed EVT# 74 INTERRUPT NAME from “PROTERR” to “MPU_BOOTCFG_ERR”
DSP Interrupts
Updated/Changed EVT# 74 SOURCE from “SYSCFG Protection Shared Interrupt” to “Shared MPU and
SYSCFG Address/Protection Error Interrupt"
Section 5.11
Section 5.11.4, EMIFA Connection Examples:
External Memory
Added new Subsection
Interface A (EMIFA)
Section 5.12
Figure 5-20, EMIFB Functional Block Diagram:
External Memory
Added MPU2 block to figure
Interface B (EMIFB)
Section 5.12.1, EMIFB SDRAM Loading Limitations:
Updated/Changed “EMIFB supports SDRAM up to 133MHz …” to “EMIFB supports SDRAM up to
152MHz …”
Table 5-28, EMIFB SDRAM Interface Switching Characteristics:
Section 5.12.3
Updated/Changed PARAMETER No. 1, tc(CLK) Cycle time, EMIF clock EMB_CLK MIN value from “7.5”
EMIFB Electrical
to “6.579” ns
Data/Timing
Updated/Changed PARAMETER No. 2, tw(CLK) Pulse width, EMIF clock EMB_CLK high or low MIN
value from “3” to “2.63” ns
Table 5-33, Switching Characteristics Over Recommended Operating Conditions for MMC/SD Module:
Section 5.14.3
MMC/SD Electrical
Updated/Changed the MAX value of PARAMETER No. 14, td(CLKL-DAT), Delay time, MMCSD_CLK low to
Data/Timing
MMCSD_DATx transition from “2” to “2.5” ns
Section 5.16.2
, Timing Requirements for MDIO Input:
Management Data
Input/Output (MDIO)
Updated/Changed the MIN value of No. 5, th(MDIO_CLKH-MDIO), Hold time, MDIO_D data input valid after
Electrical
MDIO_CLK high from “10” to “0” ns
Data/Timing
Table 5-55, General Timing Requirements for SPI0 Slave Modes:
Section 5.18.2
SPI Electrical
Updated/Changed MIN value of PARAMETER No. 9, tc(SPC)S, Cycle Time, SPI0_CLK, All Slave Modes
Data/Timing
from “greater of 3P or 20” to “greater of 3P or 40” ns
Section 5.22.1
Table 5-82, LCD LIDD Mode Timing Requirements:
LCD Interface
Table 5-83, LCD LIDD Mode Timing Characteristics:
Display Driver (LIDD
Updated/Changed LCD_CLK (SYSCLK2) all references to "LCD_MCLK"
Mode):
Copyright © 2008–2013, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747


Similar Part No. - TMS320C6747DZKBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747DZKBT3 TI1-TMS320C6747DZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747DZKBT3 TI-TMS320C6747DZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747DZKBT3 TI1-TMS320C6747DZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6747DZKBT3R TI1-TMS320C6747DZKBT3R Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6747DZKBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747CZKBT3 TI-TMS320C6747CZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_13 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747CZKBD4 TI-TMS320C6747CZKBD4 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C6743 Fixed/Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com