Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G14GW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC1G14GW
Description  Inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC1G14GW Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC1G14GW Datasheet HTML 1Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 2Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 3Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 4Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 5Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 6Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 7Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 8Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
74HC1G14 and 74HCT1G14 are high-speed Si-gate CMOS devices. They provide an
inverting buffer function with Schmitt trigger action. These devices are capable of
transforming slowly changing input signals into sharply defined, jitter-free output signals.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
The standard output currents are half of those of the 74HC14 and 74HCT14.
2.
Features and benefits
Symmetrical output impedance
High noise immunity
Low power dissipation
Balanced propagation delays
SOT353-1 and SOT753 package options
Specified from
40 C to +125 C
3.
Applications
Wave and pulse shapers
Astable multivibrators
Monostable multivibrators
4.
Ordering information
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
Rev. 6 — 27 December 2012
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC1G14GW
40 C to +125 C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74HCT1G14GW
74HC1G14GV
40 C to +125 C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74HCT1G14GV


Similar Part No. - 74HC1G14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G14GW PHILIPS-74HC1G14GW Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14GW NXP-74HC1G14GW Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HC1G14GW PHILIPS-74HC1G14GW Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HC1G14GW NEXPERIA-74HC1G14GW Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HC1G14GW-Q100 NEXPERIA-74HC1G14GW-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

Similar Description - 74HC1G14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com