Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT1G08GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT1G08GW
Description  2-input AND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G08GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT1G08GW Datasheet HTML 2Page - NXP Semiconductors 74HCT1G08GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G08GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G08GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G08GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G08GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G08GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G08GW Datasheet HTML 9Page - NXP Semiconductors 74HCT1G08GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74HC_HCT1G08_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 17 July 2007
6 of 11
NXP Semiconductors
74HC1G08; 74HCT1G08
2-input AND gate
12. Waveforms
For 74HC1G08: VM = 0.5 × VCC; VI = GND to VCC
For 74HCT1G08: VM = 1.3 V; VI = GND to 3.0 V
Test data is given in Table 8. Definitions for test
circuit:
CL = Load capacitance including jig and probe
capacitance
RT = Termination resistance should be equal to the
output impedance Zo of the pulse generator
Fig 5.
The input (A and B) to output (Y) propagation
delays
Fig 6.
Load circuitry for switching times
mna116
A, B input
Y output
tPHL
tPLH
VM
VM
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
DUT


Similar Part No. - 74HCT1G08GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G08GW PHILIPS-74HCT1G08GW Datasheet
73Kb / 16P
   2-input AND gate
2002 May 17
74HCT1G08GW NXP-74HCT1G08GW Datasheet
76Kb / 11P
   2-input AND gate
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
74HCT1G08GW NEXPERIA-74HCT1G08GW Datasheet
208Kb / 11P
   2-input AND gate
Rev. 6 - 17 January 2022
74HCT1G08GW-Q100 NEXPERIA-74HCT1G08GW-Q100 Datasheet
727Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74HCT1G08GW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com