Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVC2T45GF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AVC2T45GF
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45GF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AVC2T45GF Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 11Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 12Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 13Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
10 of 27
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
ten is a calculated value using the formula shown in Section 13.4 “Enable times”
Table 12.
Dynamic characteristics for temperature range
40 C to +85 C [1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8; for wave forms see Figure 6 and Figure 7.
Symbol Parameter
Conditions
VCC(B)
Unit
1.2 V
 0.1 V
1.5 V
 0.1 V 1.8 V  0.15 V 2.5 V  0.2 V
3.3 V
 0.3 V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
VCC(A) = 1.1 V to 1.3 V
tpd
propagation
delay
A to B
1.0
9.0
0.7
6.8
0.6
6.1
0.5
5.7
0.5
6.1
ns
B to A
1.0
9.0
0.8
8.0
0.7
7.7
0.6
7.2
0.5
7.1
ns
tdis
disable time
DIR to A
2.2
8.8
2.2
8.8
2.2
8.8
2.2
8.8
2.2
8.8
ns
DIR to B
2.2
8.4
1.8
6.7
2.0
6.9
1.7
6.2
2.4
7.2
ns
ten
enable time
DIR to A
-
17.4
-
14.7
-
14.6
-
13.4
-
14.3
ns
DIR to B
-
17.8
-
15.6
-
14.9
-
14.5
-
14.9
ns
VCC(A) = 1.4 V to 1.6 V
tpd
propagation
delay
A to B
1.0
8.0
0.7
5.4
0.6
4.6
0.5
3.7
0.5
3.5
ns
B to A
1.0
6.8
0.8
5.4
0.7
5.1
0.6
4.7
0.5
4.5
ns
tdis
disable time
DIR to A
1.6
6.3
1.6
6.3
1.6
6.3
1.6
6.3
1.6
6.3
ns
DIR to B
2.0
7.6
1.8
5.9
1.6
6.0
1.2
4.8
1.7
5.5
ns
ten
enable time
DIR to A
-
14.4
-
11.3
-
11.1
-
9.5
-
10.0
ns
DIR to B
-14.3-
11.7
-10.9
-
10.0
-
9.8
ns
VCC(A) = 1.65 V to 1.95 V
tpd
propagation
delay
A to B
1.0
7.7
0.6
5.1
0.5
4.3
0.5
3.4
0.5
3.1
ns
B to A
1.0
6.1
0.7
4.6
0.5
4.4
0.5
3.9
0.5
3.7
ns
tdis
disable time
DIR to A
1.6
5.5
1.6
5.5
1.6
5.5
1.6
5.5
1.6
5.5
ns
DIR to B
1.8
7.7
1.8
5.7
1.4
5.8
1.0
4.5
1.5
5.2
ns
ten
enable time
DIR to A
-
13.8
-
10.3
-
10.2
-
8.4
-
8.9
ns
DIR to B
-
13.2
-
10.6
-
9.8
-
8.9
-
8.6
ns
VCC(A) = 2.3V to 2.7V
tpd
propagation
delay
A to B
1.0
7.2
0.5
4.7
0.5
3.9
0.5
3.0
0.5
2.6
ns
B to A
1.0
5.7
0.6
3.8
0.5
3.4
0.5
3.0
0.5
2.8
ns
tdis
disable time
DIR to A
1.5
4.2
1.5
4.2
1.5
4.2
1.5
4.2
1.5
4.2
ns
DIR to B
1.7
7.3
2.0
5.2
1.5
5.1
0.6
4.2
1.1
4.8
ns
ten
enable time
DIR to A
-
13.0
-
9.0
-
8.5
-
7.2
-
7.6
ns
DIR to B
-
11.4
-
8.9
-
8.1
-
7.2
-
6.8
ns
VCC(A) = 3.0V to 3.6V
tpd
propagation
delay
A to B
1.0
7.1
0.5
4.5
0.5
3.7
0.5
2.8
0.5
2.4
ns
B to A
1.0
6.1
0.6
3.6
0.5
3.1
0.5
2.6
0.5
2.4
ns
tdis
disable time
DIR to A
1.5
4.7
1.5
4.7
1.5
4.7
1.5
4.7
1.5
4.7
ns
DIR to B
1.7
7.2
0.7
5.5
0.6
5.5
0.7
4.1
1.7
4.7
ns
ten
enable time
DIR to A
-
13.3
-
9.1
-
8.6
-
6.7
-
7.1
ns
DIR to B
-
11.8
-
9.2
-
8.4
-
7.5
-
7.1
ns


Similar Part No. - 74AVC2T45GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC2T45GF NEXPERIA-74AVC2T45GF Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results

Similar Description - 74AVC2T45GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com