Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVC2T45GF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AVC2T45GF
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45GF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AVC2T45GF Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 11Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 12Page - NXP Semiconductors 74AVC2T45GF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
9 of 27
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
ten is a calculated value using the formula shown in Section 13.4 “Enable times”
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
ten is a calculated value using the formula shown in Section 13.4 “Enable times”
[1]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
[2]
fi = 10 MHz; VI =GND to VCC; tr = tf = 1 ns; CL = 0 pF; RL =  .
Table 9.
Typical dynamic characteristics at VCC(A) = 0.8 V and Tamb = 25 C [1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8; for wave forms see Figure 6 and Figure 7
Symbol Parameter
Conditions
VCC(B)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
tpd
propagation delay
A to B
15.5
8.1
7.6
7.7
8.4
9.2
ns
B to A
15.5
12.7
12.3
12.2
12.0
11.8
ns
tdis
disable time
DIR to A
12.2
12.2
12.2
12.2
12.2
12.2
ns
DIR to B
11.7
7.9
7.6
8.2
8.7
10.2
ns
ten
enable time
DIR to A
27.2
20.6
19.9
20.4
20.7
22.0
ns
DIR to B
27.7
20.3
19.8
19.9
20.6
21.4
ns
Table 10.
Typical dynamic characteristics at VCC(B) = 0.8 V and Tamb = 25 C [1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8; for wave forms see Figure 6 and Figure 7
Symbol Parameter
Conditions
VCC(A)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
tpd
propagation delay
A to B
15.5
12.7
12.3
12.2
12.0
11.8
ns
B to A
15.5
8.1
7.6
7.7
8.4
9.2
ns
tdis
disable time
DIR to A
12.2
4.9
3.8
3.7
2.8
3.4
ns
DIR to B
11.7
9.2
9.0
8.8
8.7
8.6
ns
ten
enable time
DIR to A
27.2
17.3
16.6
16.5
17.1
17.8
ns
DIR to B
27.7
17.6
16.1
15.9
14.8
15.2
ns
Table 11.
Typical power dissipation capacitance at VCC(A) = VCC(B) and Tamb = 25 C [1][2]
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
VCC(A) and VCC(B)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
CPD
power dissipation
capacitance
A port: (direction A to B);
B port: (direction B to A)
122
222
pF
A port: (direction B to A);
B port: (direction A to B)
911
11
12
14
17
pF


Similar Part No. - 74AVC2T45GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC2T45GF NEXPERIA-74AVC2T45GF Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results

Similar Description - 74AVC2T45GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com