Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4601IAS-B1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT4601IAS-B1
Description  1.5A Current Limited P-Channel Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4601IAS-B1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT4601IAS-B1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4601IAS-B1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4601IAS-B1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4601IAS-B1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4601IAS-B1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4601IAS-B1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4601IAS-B1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4601IAS-B1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4601IAS-B1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Descriptions
Pin Configuration
SOP-8/TSSOP-8
(Top View)
IN
ON
GND
FAULT
OUT
OUT
SET
IN 1
2
3
4
8
7
6
5
Pin #
Symbol
Function
1,2
IN
These pins are the input to the P-channel MOSFET source. Connect a
1µF capacitor from IN to GND.
3
ON
Active-Low Enable Input. A logic low turns the switch on.
4
GND
Ground
5
SET
Current-Limit Set Input. A resistor from SET to ground sets the current
limit for the switch.
6,7
OUT
These pins are the P-channel MOSFET drain connection. Connect a 1µF
capacitor from OUT to GND.
8
FAULT
Fault-Indication Output. This open-drain output goes low when in current
limit or when the die temperature exceeds +135 ºC, with a 2ms delay
after the fault event occurs.
AAT4601
1.5A Current Limited P-Channel Switch
2
4601.2001.11.0.92


Similar Part No. - AAT4601IAS-B1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4601IAS-T1 SKYWORKS-AAT4601IAS-T1 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
AAT4601IAS-T1 SKYWORKS-AAT4601IAS-T1 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
May 3, 2012
More results

Similar Description - AAT4601IAS-B1

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Advanced Analog Technol...
AAT4601 AAT-AAT4601 Datasheet
341Kb / 16P
   1.8A Current Limited P-Channel Switch
logo
Advanced Analogic Techn...
AAT4601A ANALOGICTECH-AAT4601A Datasheet
343Kb / 16P
   1.8A Current Limited P-Channel Switch
logo
Skyworks Solutions Inc.
AAT4601 SKYWORKS-AAT4601_12 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com