Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3215IJS-285-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT3215IJS-285-T1
Description  150mA CMOS High Performance LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3215IJS-285-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT3215IJS-285-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3215IJS-285-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3215IJS-285-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3215IJS-285-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3215IJS-285-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3215IJS-285-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3215IJS-285-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3215IJS-285-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3215IJS-285-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AAT3215
150mA CMOS High Performance LDO
3215.2002.03.0.91
7
Functional Description
The AAT3215 is intended for LDO regulator appli-
cations where output current load requirements
range from no load to 150mA.
The advanced circuit design of the AAT3215 pro-
vides excellent input to output isolation, which
allows for good power supply ripple rejection char-
acteristics.
To optimize for very low output self
noise performance, a bypass capacitor pin has
been provided to decrease noise generated by the
internal voltage reference. This bypass capacitor
will also enhance PSRR behavior. The two com-
bined characteristics of low noise and high PSRR
make the AAT3215 a truly high performance LDO
regulator especially well suited for circuit applica-
tions which are sensitive to their power source.
The LDO regulator output has been specifically
optimized to function with low cost, low ESR ceram-
ic capacitors.
However, the design will allow for
operation over a wide range of capacitor types.
The device enable circuit is provided to shutdown the
LDO regulator for power conservation in portable
products. The enable circuit has an additional output
capacitor discharge circuit to assure sharp applica-
tion circuit turn off upon device shutdown.
This LDO regulator has complete short circuit and
thermal protection.
The integral combination of
these two internal protection circuits give the
AAT3215 a comprehensive safety system during
extreme adverse operating conditions.
Device
power dissipation is limited to the package type
and thermal dissipation properties.
Refer to the
thermal considerations discussion in the section for
details on device operation at maximum output cur-
rent loads.
Functional Block Diagram
Over-Current
Protection
Voltage
Reference
Error
Amplifier
Over-Temperature
Protection
IN
BYP
EN
GND
OUT


Similar Part No. - AAT3215IJS-285-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3215IJS-2.5-T1 AAT-AAT3215IJS-2.5-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215IJS-2.5-T1 ANALOGICTECH-AAT3215IJS-2.5-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215IJS-2.6-T1 AAT-AAT3215IJS-2.6-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215IJS-2.6-T1 ANALOGICTECH-AAT3215IJS-2.6-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215IJS-2.7-T1 AAT-AAT3215IJS-2.7-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
More results

Similar Description - AAT3215IJS-285-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com