Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE16V8H-20PI5 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # PALCE16V8H-20PI5
Description  EE CMOS 20-Pin Universal Programmable Array Logic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8H-20PI5 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button PALCE16V8H-20PI5 Datasheet HTML 7Page - Advanced Micro Devices PALCE16V8H-20PI5 Datasheet HTML 8Page - Advanced Micro Devices PALCE16V8H-20PI5 Datasheet HTML 9Page - Advanced Micro Devices PALCE16V8H-20PI5 Datasheet HTML 10Page - Advanced Micro Devices PALCE16V8H-20PI5 Datasheet HTML 11Page - Advanced Micro Devices PALCE16V8H-20PI5 Datasheet HTML 12Page - Advanced Micro Devices PALCE16V8H-20PI5 Datasheet HTML 13Page - Advanced Micro Devices PALCE16V8H-20PI5 Datasheet HTML 14Page - Advanced Micro Devices PALCE16V8H-20PI5 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AMD
2-46
PALCE16V8H-5 (Com’l)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Descriptions
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V, TA = 25
°C,
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
pF
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter
Min
Symbol
Parameter Description
(Note 5)
Max
Unit
tPD
Input or Feedback to Combinatorial Output
1
5
ns
tS
Setup Time from Input or Feedback to Clock
3
ns
tH
Hold Time
0ns
tCO
Clock to Output
1
4
ns
tSKEWR
Skew Between Registered Outputs (Note 4)
1
ns
tWL
LOW
3
ns
tWH
HIGH
3
ns
External Feedback
1/(tS+tCO)
142.8
MHz
fMAX
Internal Feedback (fCNT),
1/(tS+tCF) (Note 6)
166
MHz
No Feedback
1/(tWH+tWL)
166
MHz
tPZX
OE to Output Enable
1
6
ns
tPXZ
OE to Output Disable
1
5
ns
tEA
Input to Output Enable Using Product Term Control
2
6
ns
tER
Input to Output Disable Using Product Term Control
2
5
ns
Clock Width
Maximum
Frequency
(Note 3)
Notes:
2. See Switching Test Circuit for test conditions.
3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where frequency may be affected.
4. Skew testing takes into account pattern and switching direction differences between outputs that have equal loading.
5. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improve-
ments may alter these values therefore, minimum values are recommended for simulation purposes only.
6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.


Similar Part No. - PALCE16V8H-20PI5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8H-20PI AMD-PALCE16V8H-20PI Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
More results

Similar Description - PALCE16V8H-20PI5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
   20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PAL16L8B AMD-PAL16L8B Datasheet
271Kb / 33P
   20-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com