Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F240PQA Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320F240PQA
Description  DSP CONTROLLER
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F240PQA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F240PQA Datasheet HTML 3Page - Texas Instruments TMS320F240PQA Datasheet HTML 4Page - Texas Instruments TMS320F240PQA Datasheet HTML 5Page - Texas Instruments TMS320F240PQA Datasheet HTML 6Page - Texas Instruments TMS320F240PQA Datasheet HTML 7Page - Texas Instruments TMS320F240PQA Datasheet HTML 8Page - Texas Instruments TMS320F240PQA Datasheet HTML 9Page - Texas Instruments TMS320F240PQA Datasheet HTML 10Page - Texas Instruments TMS320F240PQA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
TMS320F240
DSP CONTROLLER
SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
BIT I/O AND SHARED FUNCTIONS PINS (CONTINUED)
T1PWM/T1CMP/
IOPB3
105
I/O/Z
Bidirectional digital I/O. Timer 1 compare output. T1PWM/T1CMP/IOPB3 goes to the high-
impedance state when unmasked PDPINT goes active low. This pin is configured as a digital
input by all device resets.
T2PWM/T2CMP/
IOPB4
106
I/O/Z
Bidirectional digital I/O. Timer 2 compare output. T2PWM/T2CMP/IOPB4 goes to the high-
impedance state when unmasked PDPINT goes active low. This pin is configured as a digital
input by all device resets.
T3PWM/T3CMP/
IOPB5
107
I/O/Z
Bidirectional digital I/O. Timer 3 compare output. T3PWM/T3CMP/IOPB5 goes to the high-
impedance state when unmasked PDPINT goes active low. This pin is configured as a digital
input by all device resets.
TMRDIR/IOPB6
108
I/O
Bidirectional digital I/O. Direction signal for the timers. Up-counting direction if TMRDIR/IOPB6
is low, down-counting direction if this pin is high.
This pin is configured as a digital input by all device resets.
TMRCLK/IOPB7
109
I/O
Bidirectional digital I/O.
External clock input for general-purpose timers.
This pin is configured as a digital input by all device resets.
ADCSOC/IOPC0
63
I/O
Bidirectional digital I/O.
External start of conversion input for ADC.
This pin is configured as a digital input by all device resets.
CAP1/QEP1/IOPC4
67
I/O
Bidirectional digital I/O.
Capture 1 or QEP 1 input.
This pin is configured as a digital input by all device resets.
CAP2/QEP2/IOPC5
68
I/O
Bidirectional digital I/O.
Capture 2 or QEP 2 input.
This pin is configured as a digital input by all device resets.
CAP3/IOPC6
69
I/O
Bidirectional digital I/O.
Capture 3 input.
This pin is configured as a digital input by all device resets.
CAP4/IOPC7
70
I/O
Bidirectional digital I/O.
Capture 4 input.
This pin is configured as a digital input by all device resets.
XF/IOPC2
65
I/O
Bidirectional digital I/O. External flag output (latched software-programmable signal). XF is
used for signaling other processors in multiprocessing configurations or as a general-purpose
output pin. This pin is configured as an external flag output by all device resets.
BIO/IOPC3
66
I/O
Bidirectional digital I/O. Branch control input. BIO is polled by the BIOZ instruction. If BIO is low,
the CPU executes a branch. If BIO is not used , it should be pulled high. This pin is configured
as a branch-control input by all device resets.
CLKOUT/IOPC1
64
I/O
Bidirectional digital I/O. Clock output. Clock output is selected by the CLKSRC bits in the
SYSCR register. This pin is configured as a DSP clock output by a power-on reset.
SERIAL COMMUNICATIONS INTERFACE (SCI) AND BIT I/O PINS
SCITXD/IO
44
I/O
SCI asynchronous serial port transmit data, or general-purpose bidirectional I/O. This pin is
configured as a digital input by all device resets.
SCIRXD/IO
43
I/O
SCI asynchronous serial port receive data, or general-purpose bidirectional I/O. This pin is
configured as a digital input by all device resets.
† I = input, O = output, Z = high impedance


Similar Part No. - TMS320F240PQA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F240PQA TI-TMS320F240PQA Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
TMS320F240PQA TI-TMS320F240PQA Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
More results

Similar Description - TMS320F240PQA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_05 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
[Old version datasheet]   DSP CONTROLLER
TMS320C242 TI-TMS320C242 Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_08 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
   Mixed Signal DSP Controller
REV. 0
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com