Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3528ICX-232-200-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3528ICX-232-200-T1
Description  MicroPower Supervisory Circuit with Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3528ICX-232-200-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3528ICX-232-200-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3528ICX-232-200-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3528ICX-232-200-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3528ICX-232-200-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3528ICX-232-200-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3528ICX-232-200-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3528ICX-232-200-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3528ICX-232-200-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3528ICX-232-200-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AAT3526/7/8
MicroPower Supervisory Circuit with Manual Reset
4
3526.2002.1.0.62
Electrical Characteristics (V
IN = 5V, TA = -40 to 85°C unless otherwise noted. Typical values
are at T
A=25°C, VCC = 5V for 4.63/4.38V versions, VCC = 3.3V for 3.08/2.93V versions, VCC = 3.0V for 2.63V
versions and V
CC = 2.5V for 2.32/2.2V versions )
Symbol
Description
Conditions
Min
Typ
Max
Units
V
CC
Operation Voltage
T
A = 0ºC to +70ºC
1.0
5.5
V
T
A = -40ºC to +85ºC
1.2
5.5
I
Q
Quiescent Current
V
CC = 5.5V
1.05
3
µA
V
CC = 3V
0.85
2
V
TH
RESET Threshold (Table 1)
T
A = 25ºC
V
TH -1.5%
V
TH
V
TH +1.5%
V
T
A = -40ºC to +85ºC
V
TH -2.5%
V
TH
V
TH +2.5%
∆V
TH/°C
RESET Threshold Tempco
40
ppm/°C
t
P
RESET Propagation Delay
V
CC = VTH to (VTH -100mV)
15
µs
t
RDY
RESET Active Timeout Period
150
250
400
ms
t
MR
MR Minimum Pulse Width
10
µs
MRGI
MR Glitch Immunity
100
ns
t
MD
MR to Reset Propagation Delay
0.5
µs
V
IH
MR Input Threshold
V
CC = VTH(MAX), VTH ≥ 4.38V
2.3
V
V
CC = VTH(MAX), VTH < 4.38V
0.7
× V
CC
V
IL
MR Input Threshold
V
CC = VTH(MAX), VTH ≥ 4.38V
0.8
V
V
CC = VTH(MAX), VTH < 4.38V
0.25
× V
CC
R
MR
MR Pull-Up Resistance
10
20
30
k
I
SINK =1.6mA, VCC > 2.1V,
0.3
V
OL
RESET Low Output Voltage
RESET asserted
V
AAT3526, AAT3528
I
SINK =100µA, VCC >1.2V,
0.4
RESET asserted
V
OH
RESET High Output Voltage
I
SOURCE = 800 µA
V
CC -1.5
V
AAT3526
I
SINK =1.2mA, VCC > 1.2V,
0.3
V
OL
RESET Low Output Voltage
RESET not asserted
V
AAT3527
I
SINK = 3.2mA, VCC > 4.5V,
0.4
RESET not asserted
I
SOURCE = 500µA, VCC > 2.1V,
0.8V
CC
V
OH
RESET High Output Voltage
RESET asserted
V
AAT3527
I
SOURCE = 50µA, VCC > 1.2V,
0.8V
CC
RESET asserted
I
DOFF
RESET leakage current, AAT3528
V
CC > VTH
1µA


Similar Part No. - AAT3528ICX-232-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3528ICX-2.32-200-T1 AAT-AAT3528ICX-2.32-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analogic Techn...
AAT3528ICX-2.32-200-T1 ANALOGICTECH-AAT3528ICX-2.32-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3528ICX-2.63-200-T1 AAT-AAT3528ICX-2.63-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analogic Techn...
AAT3528ICX-2.63-200-T1 ANALOGICTECH-AAT3528ICX-2.63-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3528ICX-2.93-200-T1 AAT-AAT3528ICX-2.93-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
More results

Similar Description - AAT3528ICX-232-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com