Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3520IGY-263-200-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3520IGY-263-200-T1
Description  MicroPower Microprocessor Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3520IGY-263-200-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

  AAT3520IGY-263-200-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3520IGY-263-200-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3520IGY-263-200-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3520IGY-263-200-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3520IGY-263-200-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3520IGY-263-200-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3520IGY-263-200-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3520IGY-263-200-T1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Applications Information
Reset Output Options
The AAT3524 has an active low open drain output
and the AAT3520/2 have a push-pull output. The
AAT3524 may be used in multiple voltage systems,
with an external pull-up resistor. This allows the
AAT3524 to interface to microprocessors with high-
er supply voltages up to 5.5V (Figure 2). In the
event of a power down or brown-out condition the
reset signal remains valid until the V
CC drops below
1.2V. To ensure validity down to ground an external
100k
Ω resistor should be connected between the
RESET output and GND.
Supply Voltage Transient Behavior
In some cases fast negative transients of short dura-
tion can appear on the V
CC power supply. The
AAT3520 series devices provide some immunity to
line transients which can generate invalid reset puls-
es. Figure 1 shows typical behavior to short duration
pulses verses RESET comparator overdrive. As
shown in the Maximum Transient Duration vs. Reset
Threshold Overdrive graph, when the transient volt-
age becomes larger, the time allowed before assert-
ing a reset becomes shorter. e.g. typically a transient
of 100mV below the reset threshold would have to
present for more than 50
µs to cause a reset.
Immunity can be increased by the addition of a small
by-pass capacitor of 0.1µF connected as close to
the V
CC pin as possible.
AAT3520/2/4
MicroPower Microprocessor Reset Circuit
6
3520.2002.2.0.9
Figure 2: Using AAT3524 Open Drain Output with Multiple Supplies
AAT3524
5V
System
+3.3V
V
CC
V
CC
RESET
100k
GND
GND
RESET
INPUT
+5.0V


Similar Part No. - AAT3520IGY-263-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3520IGY-2.32-200-T1 AAT-AAT3520IGY-2.32-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3520IGY-2.32-200-T1 ANALOGICTECH-AAT3520IGY-2.32-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520IGY-2.63-200-T1 AAT-AAT3520IGY-2.63-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3520IGY-2.63-200-T1 ANALOGICTECH-AAT3520IGY-2.63-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520IGY-2.93-200-T1 AAT-AAT3520IGY-2.93-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3520IGY-263-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com