Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC256-1FML Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS27PC256-1FML
Description  TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC256-1FML Datasheet(HTML) 4 Page - Texas Instruments

  TMS27PC256-1FML Datasheet HTML 1Page - Texas Instruments TMS27PC256-1FML Datasheet HTML 2Page - Texas Instruments TMS27PC256-1FML Datasheet HTML 3Page - Texas Instruments TMS27PC256-1FML Datasheet HTML 4Page - Texas Instruments TMS27PC256-1FML Datasheet HTML 5Page - Texas Instruments TMS27PC256-1FML Datasheet HTML 6Page - Texas Instruments TMS27PC256-1FML Datasheet HTML 7Page - Texas Instruments TMS27PC256-1FML Datasheet HTML 8Page - Texas Instruments TMS27PC256-1FML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TMS27C256 32768 BY 8BIT UV ERASABLE
TMS27PC256 32768 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS256H− SEPTEMBER 1984 − REVISED NOVEMBER 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
initializing ( TMS27PC256)
The one-time programmable TMS27PC256 PROM is provided with all bits in the logic high state, then logic lows
are programmed into the desired locations. Logic lows programmed into an OTP PROM cannot be erased.
SNAP! Pulse programming
The 256K EPROM and OTP PROM are programmed using the TI SNAP! Pulse programming algorithm
illustrated by the flowchart in Figure 1, which programs in a nominal time of four seconds. Actual programming
time varies as a function of the programmer used.
Data is presented in parallel (eight bits) on pins DQ0 to DQ7. Once addresses and data are stable, E is pulsed.
The SNAP! Pulse programming algorithm uses initial pulses of 100 microseconds (
µs) followed by a byte
verification to determine when the addressed byte has been successfully programmed. Up to 10 (ten) 100-
µs
pulses per byte are provided before a failure is recognized.
The programming mode is achieved when VPP = 13 V, VCC = 6.5 V, G = VIH, and E = VIL. More than one device
can be programmed when the devices are connected in parallel. Locations can be programmed in any order.
When the SNAP! Pulse programming routine is complete, all bits are verified with VCC = VPP = 5 V.
program inhibit
Programming can be inhibited by maintaining a high level input on the E pin.
program verify
Programmed bits can be verified with VPP = 13 V when G = VIL and E = VIH.
signature mode
The signature mode provides access to a binary code identifying the manufacturer and type. This mode is
activated when A9 is forced to 12 V. Two identifier bytes are accessed by toggling A0. All other addresses must
be held low. The signature code for these devices is 9704. A0 selects the manufacturer’s code 97 (Hex), and
A0 high selects the device code 04, as shown in Table 3.
Table 3. Signature Mode
IDENTIFIER†
PINS
IDENTIFIER†
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
MANUFACTURER CODE
VIL
1
0
0
1
0
1
1
1
97
DEVICE CODE
VIH
0
0
0
0
0
1
0
0
04
† E = G = VIL, A9 = VH, A1−A8 = VIL, A10−A15 = VIL, VPP = VCC, PGM = VIH or VIL.


Similar Part No. - TMS27PC256-1FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC256-1FML TI-TMS27PC256-1FML Datasheet
182Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC256-1FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-2JL TI-TMS27C256-2JL Datasheet
196Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
TMS27C256 TI-TMS27C256 Datasheet
182Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com