Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SCA022721R4110 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1SCA022721R4110
Description  Switch-disconnectors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SCA022721R4110 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 1SCA022721R4110 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SCA022721R4110 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SCA022721R4110 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SCA022721R4110 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SCA022721R4110 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SCA022721R4110 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SCA022721R4110 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1SCA022721R4110 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1SCA022721R4110 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
7
1SCC301001C0201
Technical data
Size
A
16
25
40
63
80
100
125
160
Switch type
OT16_
OT25_
OT40_
OT63_
OT80_
OT100_
OT125_
OT160_
Rated insulation voltage and rated
operational voltage AC20/DC20
Pollution degree 3
V
750
750
750
750
750
750
750
750
Dielectric strength
50 Hz 1min.
kV
6
6
6
6
6
6
6
10
Rated impulse withstand voltage
kV
8
8
8
8
8
8
8
12
Rated thermal current and rated
operational current AC20/DC20
ambient 40°C3)
In open air
A
25
32
40
63
80
115
125
200
ambient 40°C3)
In enclosure
A
25
32
40
63
80
115
125
160
ambient 60°C
In enclosure
A
20
25
32
50
63
80
100
125
..with minimum conductor cross section
Cu
mm2
4
6
10
16
25
35
50
70
Rated operational current, AC-21A
up to 415 V
A
16
25
40
63
80
100
125
2002)
440 - 690 V
A
16
25
40
63
80
100
125
160
Rated operational current, AC-22A
up to 415 V
A
16
25
40
63
80
100
125
2002)
440 - 500 V
A
16
25
40
63
80
100
125
160
690 V
A
16
25
40
63
80
100
125
160
Rated operational current, AC-23A
up to 415 V
A
16
20
23
63
75
80
90
135
440 V
A
16
20
23
63
65
65
78
125
500 V
A
16
20
23
45
58
60
70
125
690 V
A
10
11
12
20
20
40
50
80
Rated operational current / poles in series, DC-21A
24 - 48 V1)
A
16/1
25/1
32/1
63/1
80/1
100/1
125/1
160/1
110 V
A
16/2
25/2
32/2
63/2
80/2
100/2
125/2
160/1
220 V
A
16/3
25/3
32/3
63/4
80/4
100/4
125/4
160/2
440 V
A
16/4
16/4
16/4
16/4
16/4
160/3
500 V
A
16/4
16/4
16/4
16/4
16/4
125/3
750 V
A
16/8
25/8
32/8
160/4
Rated operational current / poles in series, DC-22A
24 - 48 V1)
A
16/1
25/1
32/1
63/1
80/1
100/1
125/1
160/1
110 V
A
16/2
25/2
32/2
63/2
80/2
100/2
125/2
160/1
220 V
A
16/3
25/3
32/4
45/4
45/4
63/4
80/4
160/2
440 V
A
10/4
10/4
10/4
10/4
10/4
160/3
750 V
A
16/8
25/8
25/8
Rated operational current / poles in series, DC-23A
24 - 48 V1)
A
16/1
25/1
32/1
63/1
80/1
100/1
125/1
160/1
110 V
A
16/2
25/2
32/2
63/2
80/2
100/2
125/2
160/1
220 V
A
16/4
25/4
32/4
45/4
45/4
63/4
63/4
160/2
440 V
A
10/4
10/4
10/4
10/4
10/4
160/3
750 V
A
16/8
16/8
16/8
Rated operational power, AC-23A
220-240 V
kW
3
4
5.5
11
22
22
22
45
(These values are given
400-415 V
kW
7.5
9
11
22
37
37
45
75
for guidance and may vary
440 V
kW
7.5
9
11
22
37
37
45
75
acc. to the motor manufacturer)
500 V
kW
7.5
9
11
22
37
37
45
75
690 V
kW
7.5
9
11
15
18.5
37
45
75
Rated breaking capacity, AC-23A
up to 415 V
A
128
160
184
360
640
640
720
1 080
440 V
A
128
160
184
360
448
520
624
1 000
500 V
A
128
160
184
360
464
480
560
1 000
690 V
A
80
88
96
160
160
320
400
640
Rated breaking capacity/poles in series, DC-23A
24 - 48 V
A
64/1
100/1
128/1
180/1
252/1
400/1
500/1
640/1
110 V
A
64/2
100/2
128/2
180/2
252/2
400/2
500/2
640/1
220 V
A
64/3
100/4
128/4
180/4
180/4
252/4
252/4
640/2
440 V
A
40/4
40/4
40/4
40/4
40/4
640/3
750 V
A
64/8
64/8
64/8
Rated conditional short-circuit
current I
p (r.m.s.) and corresponding
I
p (r.m.s.)
50 kA
kA
6.5
6.5
6.5
13
13
16.5
16.5
max. allowed cut-off current î
c
Max. OFA_ fuse size gG/aM
≤ 415 V
A
40/32
40/32
40/32
100/80
100/80
125/125
125/125
I
p(r.m.s.)
100 kA
kA
17
17
30
Max. OFA_ fuse size gG/aM
≤ 500 V
A
100/80
100/80
200/250
The cut-off current î
c refers to values
I
p (r.m.s.)
10 kA
kA
8.2
8.2
listed by fuse manufacturers
Max. OFA_ fuse size gG/aM
≤ 690 V
A
125/100
125/100
(single phase test acc. to IEC60269)
I
p(r.m.s.)
50 kA
kA
4
4
4
11
11
10
10
24
Max. OFA_ fuse size gG/aM
≤ 690 V
A
25/16
25/16
25/16
80/63
80/63
63/63
63/63
200/250
Rated short-time withstand current
r.m.s. -value I
cw
690V, 0.25 s
kA
7
r.m.s. -value I
cw
690V, 1s
kA
0.5
0.5
0.5
1
1.5
2.5
2.5
4
Rated short circuit making capacity
Peak value
I
cm
690V/500V
kA
0.705
0.705
0.705
1.4
2.1
3.6
3.6
12
Rated capacitor power
(The capacitor ratings are limited by the fuse link.)
400 - 415 V
kVAr
6.5
10
15
25
30
40
50
65
Power loss / pole
At rated operational current
W
0.3
0.6
1.6
2.8
4.5
4.0
6.3
6.5
Mechanical endurance
Divide by two for operation cycles
Oper.
20 000
20 000
20 000
20 000
20 000
20 000
20 000
20 000
Weight without accessories
3-pole
kg
0.11
0.11
0.11
0.27
0.27
0.36
0.36
1.1
4-pole
kg
0.15
0.15
0.15
0.35
0.35
0.50
0.50
1.3
Cable size
Cu-wire size suitable for terminal clamps
mm2
0.75-10
0.75-10
0.75-10
1.5-35
1.5-35
10-70
10-70
10-70
AWG
18-8
18-8
18-8
14-4
14-4
8-00
8-00
8-00
Terminal tightening torque
Counter torque required
Nm
0.8
0.8
0.8
2
2
6
6
6
Operating torque
3-pole switch-disconnector
Nm
1
1
1
1.2
1.2
2
2
6
Switch-disconnectors OT 16...160


Similar Part No. - 1SCA022721R4110

ManufacturerPart #DatasheetDescription
logo
ABB
1SCA022780R0690 ABB-1SCA022780R0690 Datasheet
2Mb / 20P
   Energy efficiency Modular digital insrtuments
1SCA022780R0770 ABB-1SCA022780R0770 Datasheet
2Mb / 20P
   Energy efficiency Modular digital insrtuments
1SCA022780R0850 ABB-1SCA022780R0850 Datasheet
2Mb / 20P
   Energy efficiency Modular digital insrtuments
More results

Similar Description - 1SCA022721R4110

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1774629 PHOENIX-1774629 Datasheet
60Kb / 2P
   Test disconnectors - PTS-5,08-16 BG
11/04/2018
1713986 PHOENIX-1713986 Datasheet
57Kb / 2P
   Test disconnectors - PTS-5,08-16 BK
11/04/2018
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750_15 Datasheet
450Kb / 10P
   Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com