Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3564 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3564
Description  NanoPower Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3564 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

  AAT3564 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3564 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3564 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3564 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3564 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3564 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3564 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3564 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Information
SOT23-3
E
S1
D
S
e
H
L
C
b
A1
A2
A
Θ1
AAT3560/2/4
NanoPower Voltage Detector
8
3560.2002.3.0.91
Advanced Analogic Technologies, Inc.
1250 Oakmead Parkway, Suite 310, Sunnyvale, CA 94086
Phone (408) 524-9684
Fax (408) 524-9689
Dim
Millimeters
Inches
Min
Max
Min
Max
A
.887
1.02
0.034
.040
A1
.013
0.10
0.0005
.004
A2
-
-
-
-
b
0.37
0.51
0.015
0.020
C
0.085
0.180
0.003
0.007
D
2.80
3.04
0.110
0.120
E
1.20
1.40
0.047
0.055
e
1.78
2.05
0.070
0.080
H
2.10
2.64
0.083
0.104
L
-
0.69
-
0.027
S
0.45
0.60
0.018
0.024
S1
0.89
1.03
0.035
0.040
θ1
Note:
1. PACKAGE BODY SIZE EXCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
2. TOLERANCE ±0.1000 mm (4mi) UNLESS OTHER-
WISE SPECIFIED
3. COPLANARITY: 0.1000
4. DIMENSION L IS MEASURED IN GAGE PLANE


Similar Part No. - AAT3564

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3564 AAT-AAT3564 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3564 ANALOGICTECH-AAT3564 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
More results

Similar Description - AAT3564

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com