Electronic Components Datasheet Search |
|
1SCA105021R1001 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
1SCA105021R1001 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 72 page Technical data 8 1SCC301001C0201 Switch-disconnectors OT 200..800 Technical data according to IEC 60947-3 1) Further ratings on request 2) Category B 3) These values are given for guidance and may vary acc. to the motor manufacturer. 4) Acc. to IEC 60947-1, § 6.1.1. Size A 200 250 315 400 630 800 Switch type OT200E_ OT250_ OT315_ OT400_ OT630_ OT800_ Rated insulation voltage and rated operational voltage AC-20, DC-20 Pollution degree 3 V 1 000 1 000 1 000 1 000 1 000 1 000 Dielectric strength 50 Hz 1min. kV 10 10 10 10 10 10 Rated impulse withstand voltage kV 12 12 12 12 12 12 Rated thermal current and rated operational current AC-20, DC-20 in ambient 40 °C 4) In open air A 200 250 315 400 630 800 In enclosure A 200 250 315 400 630 800 ...with minimum cable cross section Cu mm2 95 120 185 240 2x185 2x240 Rated operational current, AC-21A ≤ 500 V A 200 250 315 400 630 800 690 V A 200 250 315 400 630 800 1000 V A 200 250 315 400 630 800 Rated operational current, AC-22A ≤ 500 V A 200 250 315 400 630 800 690 V A 200 250 315 400 630 800 1000 V A 200 250 315 400 630 800 Rated operational current, AC-23A ≤ 500 V A 200 250 315 400 630 800 690 V A 200 250 315 400 630 800 1000 V A 135 135 200 200 400 400 Rated operational current / poles in series, DC-21A...23A1) 24 - 110 V A 200/2 250/2 315/12) 400/12) 630/1 800/1 220 V A 200/2 250/2 315/22) 400/22) 630/1 800/1 440 V A 200/3 250/3 315/3 360/3 630/2 800/2 660 V A 200/4 230/42) 315/4 360/4 630/42) 650/42) Rated operational current / poles in series, DC-21B 800 V A 200/5 250/5 315/5 400/5 600/5 600/5 1000 V A 200/6 250/6 315/6 400/6 600/6 600/6 Rated operational power, AC-233) 230 V kW 60 75 100 132 200 250 400 V kW 110 140 160 220 355 450 415 V kW 110 145 180 230 355 450 500 V kW 132 170 220 280 400 560 690 V kW 200 250 315 400 630 800 Rated breaking capacity in ≤ 500 V A 1 600 2 000 2 520 3 200 5 040 6 400 category AC-23 690 V A 1 600 2 000 2 520 3 200 5 040 6 400 Rated conditional short-circuit Ip (r.m.s.) 100 kA, 500 V kA 40.5 40.5 61.5 61.5 90 90 current Ip (r.m.s.) and Max. OFA_ fuse size gG/aM A 315/315 315/315 500/450 500/450 800/1 000 800/1 000 corresponding max. allowed cut-off current îc The cut-off current îc refers to Ip (r.m.s.) 80 kA, 690 V kA 40.5 40.5 59 59 83.5 83.5 values listed by fuse Max. OFA_ fuse size gG/aM A 355/315 355/315 500/500 500/500 800/1 000 800/1 000 manufacturers (single phase test acc. to IEC60269). Rated short-time withstand current r.m.s. value Icw ≤ 1000 V 0,15s kA 15 15 31 31 38 38 ≤ 1000 V 0,25s kA 15 15 24 24 36 36 ≤ 1000 V 1s kA 8 8 15 15 20 20 Rated short-time making capacity Peak value Icm ≤ 1000 V kA 30 30 65 65 80 80 Rated capacitor power The capacitor ratings 415 V kVAr 100 115 145 180 250 310 When no initial charge on the capacitor are limited by 500 V kVAr 120 135 175 215 300 375 the fuse links 690 V kVAr 160 190 250 325 450 550 Power loss / pole With rated current W 4 6.5 6.5 10 25 40 Mechanical endurance Divide by two for oper. cycles Oper. 20 000 20 000 16 000 16 000 10 000 10 000 Weight without accessories 3-pole switch kg 1.2 1.2 2.2 2.2 5.2 5.2 Terminal bolt size Metric thread diameter x length mm M8x25 M8x25 M10x30 M10x30 M12x40 M12x40 Terminal tightening torque Counter torque required Nm 15-22 15-22 30-44 30-44 50-75 50-75 Operating torque 3-pole switch disconnector Nm 7 7 16 16 27 27 |
Similar Part No. - 1SCA105021R1001 |
|
Similar Description - 1SCA105021R1001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |