Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4250 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT4250
Description  Slew Rate Controlled Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4250 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT4250 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4250 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4250 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4250 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4250 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4250 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4250 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4250 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4250 Datasheet HTML 12Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
For maximum current, refer to the following equation:
IOUT(MAX) < ( PD(MAX) / RDS)
1/2
For example, if VIN = 5V, RDS(MAX)=224mΩ and TA
= 25°C, IOUT(MAX) = 1.7A. If the output load current
were to exceed 1.7A or if the ambient temperature
were to increase, the internal die temperature will
increase, and the device will be damaged.
Higher peak currents can be obtained with the
AAT4250. To accomplish this, the device thermal
resistance must be reduced by increasing the heat
sink area or by operating the load switch in a duty
cycle manner. Duty cycles with peaks less than
2ms in duration can be considered using the
method below.
High Peak Output Current Applications
Some applications require the load switch to oper-
ate at a continuous nominal current level with short
duration high current peaks. Refer to the IDM spec-
ification in the Absolute Maximum table to ensure
the AAT 4250’s maximum pulsed current rating is
not exceeded. The duty cycle for both output cur-
rent levels must be taken into account. To do so,
first calculate the power dissipation at the nominal
continuous current level, and then add in the addi-
tional power dissipation due to the short duration
high current peak scaled by the duty factor.
For example, a 4V system using an AAT4250 oper-
ates at a continuous 100mA load current level and
has short 2A current peaks, as in a GSM applica-
tion. The current peak occurs for 576µs out of a
4.61ms period.
First, the current duty cycle is calculated:
% Peak Duty Cycle: X/100 = 576µs/4.61ms
% Peak Duty Cycle = 12.5%
The load current is 100mA for 87.5% of the 4.61ms
period and 2A for 12.5% of the period. Since the
Electrical Characteristics do not report RDS MAX for 4
volts operation, it must be calculated approximated
by consulting the chart of RDSON vs. VIN. The Rds
reported for 5 volt RDS can be scaled by the ratio
seen in the chart to derive the Rds for 4 volt VIN:
175m
Ω x 120mΩ/115mΩ = 183mΩ. Derated for
temperature: 183m
Ω x (1 + .002800 x (125°C -
25°C)) = 235m
Ω . The power dissipation for a
100mA load is calculated as follows:
PD(MAX) = I
2
OUT x RDS
PD(100mA) = (100mA)
2 x 235m
PD(100mA) = 2.35mW
PD(87.5%D/C) = %DC x PD(100mA)
PD(87.5%D/C) = 0.875 x 2.35mW
PD(87.5%D/C) = 2.1mW
The power dissipation for 100mA load at 87.5%
duty cycle is 2.1mW. Now the power dissipation for
the remaining 12.5% of the duty cycle at 2A is cal-
culated:
PD(MAX) = I
2
OUT x RDS
PD(2A) = (2A)
2 x 235m
PD(2A) = 940mW
PD(12.5%D/C) = %DC x PD(2A)
PD(12.5%D/C) = 0.125 x 940mW
PD(12.5%D/C) = 117.5mW
The power dissipation for 2A load at 12.5% duty
cycle is 117mW. Finally, the two power figures are
summed to determine the total true power dissipa-
tion under the varied load.
PD(total) = PD(100mA) + PD(2A)
PD(total) = 2.1mW + 117.5mW
PD(total) = 120mW
The maximum power dissipation for the AAT4250
operating at an ambient temperature of 85°C is
267mW. The device in this example will have a
total power dissipation of 120mW. This is well with
in the thermal limits for safe operation of the
device, in fact, at 85°C, the AAT4250 will handle a
2A pulse for up to 28% duty cycle. At lower ambi-
ent temperatures the duty cycle can be further
increased.
AAT4250
Slew Rate Controlled Load Switch
4250.2001.12.0.94
9


Similar Part No. - AAT4250

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250IGV-T1 AAT-AAT4250IGV-T1 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4250IGV-T1 ANALOGICTECH-AAT4250IGV-T1 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250IJS-T1 AAT-AAT4250IJS-T1 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4250

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com