Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3562 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3562
Description  NanoPower Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3562 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3562 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3562 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3562 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3562 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3562 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3562 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3562 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3562 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AAT3560/2/4
NanoPower Voltage Detector
3560.2002.3.0.91
1
PowerManager
General Description
The AAT3560 Series of PowerManager™ products
is a member of AATI's Total Power Management
IC™ (TPMIC™) product family. These voltage
detectors are ideal for monitoring voltage supplies
in portable systems, where extended battery life is
critical. They provide a low cost, reliable solution by
eliminating several external components. The
AAT3560 series operates by monitoring the system
power supply voltage. When the input voltage
drops below a fixed threshold, the device output
changes state depending upon configuration.
When the input voltage rises above the threshold,
the device output reverts back to the previous
state. The AAT3560 series are available with three
different output stages: AAT3560 push-pull active
high output, AAT3562 push-pull active low output
and AAT3564 open drain active low output.
The quiescent supply current is extremely low, typ-
ically 1µA , making it ideal for portable battery oper-
ated equipment.
The AAT3560/2/4 are available in a 3 pin SOT-23
package and are specified over -40 to 85°C oper-
ating temperature range..
Features
1.2V to 5.5V Input voltage range
Operates down to 1.2V
Extremely low quiescent current: less than 2µA
High accuracy detection threshold: ±1.5%
Monitor Power Supply Voltages
Fixed thresholds from 2.2V to 4.6V
Available output configurations:
Open-drain output
CMOS active high output
CMOS active low output
Temp range -40 to 85°C
3 pin SOT-23 package
Applications
Portable Electronics
Battery Packs
Battery Charger Circuits
Data Acquisition Systems
Power Supplies
Notebook Computers
Intelligent Instruments
Typical Application
AAT3560
AAT3562
AAT3564
V
CC
V
CC
RESET
(RESET)
GND
SUSPEND
+
Li Ion
µP
DC/DC
Converter


Similar Part No. - AAT3562

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3562 AAT-AAT3562 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3562 ANALOGICTECH-AAT3562 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analog Technol...
AAT3562IGY-2.20-T1 AAT-AAT3562IGY-2.20-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3562IGY-2.20-T1 ANALOGICTECH-AAT3562IGY-2.20-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analog Technol...
AAT3562IGY-2.30-T1 AAT-AAT3562IGY-2.30-T1 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
More results

Similar Description - AAT3562

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com