Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C240-10JL Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS27C240-10JL
Description  TMS27C240 262144 BY 16-BIT UV ERASABLE TM27PC240 262144 BY 16-BIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C240-10JL Datasheet(HTML) 4 Page - Texas Instruments

  TMS27C240-10JL Datasheet HTML 1Page - Texas Instruments TMS27C240-10JL Datasheet HTML 2Page - Texas Instruments TMS27C240-10JL Datasheet HTML 3Page - Texas Instruments TMS27C240-10JL Datasheet HTML 4Page - Texas Instruments TMS27C240-10JL Datasheet HTML 5Page - Texas Instruments TMS27C240-10JL Datasheet HTML 6Page - Texas Instruments TMS27C240-10JL Datasheet HTML 7Page - Texas Instruments TMS27C240-10JL Datasheet HTML 8Page - Texas Instruments TMS27C240-10JL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TMS27C240 262144 BY 16BIT UV ERASABLE
TMS27PC240 262144 BY 16BIT
PROGRAMMABLE READONLY MEMORIES
SMLS240D− NOVEMBER 1990 − REVISED SEPTEMBER 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
latchup immunity
Latchup immunity on the TMS27C240 and TMS27PC240 is a minimum of 250 mA on all inputs and outputs.
This feature provides latchup immunity beyond any potential transients at the P.C. board level when the devices
are interfaced to industry-standard TTL or MOS logic devices. Input-output layout approach controls latchup
without compromising performance or packing density.
power down
Active ICC supply current can be reduced from 50 mA to 1 mA by applying a high TTL input on E and to
100
µA by applying a high CMOS input on E. In this mode all outputs are in the high-impedance state.
erasure ( TMS27C240)
Before programming, the TMS27C240 is erased by exposing the chip through the transparent lid to a high
intensity ultraviolet light (wavelength 2537 Å). The recommended minimum exposure dose (UV intensity
×
exposure time) is 15-W
⋅s/cm2. A 12-mW/cm2, filterless UV lamp erases the device in 21 minutes. The lamp
should be located about 2.5 cm above the chip during erasure. After erasure, all bits are in the high state. It
should be noted that normal ambient light contains the correct wavelength for erasure. Therefore, when using
the TMS27C240, the window should be covered with an opaque label.
initializing ( TMS27PC240)
The one-time programmable TMS27PC240 PROM is provided with all bits in the logic high state, then logic lows
are programmed into the desired locations. Logic lows programmed into an OTP PROM cannot be erased.
SNAP! Pulse programming
The TMS27C240 and TMS27PC240 are programmed by using the SNAP! Pulse programming algorithm. The
programming sequence is shown in the SNAP! Pulse programming flow chart, shown in Figure 1.
The initial setup is VPP = 13 V, VCC = 6.5 V, E = VIH, and G = VIH. Once the initial location is selected, the data
is presented in parallel (eight bits) on pins DQ0 through DQ15. Once addresses and data are stable, the
programming mode is achieved when E is pulsed low ( VIL) with a pulse duration of tw(PGM). Every location is
programmed only once before going to interactive mode.
In the interactive mode, the word is verified at VPP = 13 V, VCC = 6.5 V, E = VIH, and G = VIL. If the correct data
is not read, the programming is performed by pulling E low with a pulse duration of tw(PGM). This sequence of
verification and programming is performed up to a maximum of 10 times. When the device is fully programmed,
all bytes are verified with VCC = VPP = 5 V ± 10%.
program inhibit
Programming can be inhibited by maintaining a high level input on the E and G pins.
program verify
Programmed bits can be verified with VPP = 13 V when G = VIL and E = VIH.


Similar Part No. - TMS27C240-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C240-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com