Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPCI-7230 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPCI-7230
Description  32-CH Isolated DIO Cards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPCI-7230 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPCI-7230 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPCI-7230 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-53 www.adlinktech.com
CompactPCI
Introduction
ADLINK's PCI/LPCI/LPCIe/cPCI-723X series are 32-CH isolated input and/or output cards which provide a 2,500 V
optical isolation protection. The wide input range of the PCI/cPCI/LPCI/LPCIe-7230 and PCI-7233 makes it easy to
sense the status of external devices. The non-polarity characteristic is suitable for a wide variety of industry applications.
The PCI/cPCI/LPCI/LPCIe-7230 and PCI-7234 devices also feature a wide output range from 5 to 35 V, which is suitable
for relay driving and industrial automation applications. The PCI-7234P provides current-source output capability.
The PCI/cPCI/LPCI/LPCIe-7230 and PCI-7233 also provide two interrupt sources on digital input channels. The PCI-7233 also
features a change-of-state (COS) function that generates an interrupt when any digital input changes its state.
Features
Supports a 32-bit 5 V PCI bus (PCI-7230/7233/7234/7234P)
Supports a 32-bit 3.3 V or 5 V PCI bus (LPCI-7230)
x1lanePCIExpressInterface(LPCIe-7230)
3UEurocardformfactor,CompactPCIcompliant
(PICMG 2.0 R2.1) (cPCI-7230)
16-CHisolateddigitalinputs&16-CHisolateddigital
outputs (PCI-7230/LPCI-7230/LPCIe-7230/cPCI-7230)
32-CH isolated digital inputs (PCI-7233)
32-CH isolated digital outputs (PCI-7234/7234P)
5000 VRMSopticalisolation(PCI-7230&PCI-7233/cPCI-7230)
2500 VRMS optical isolation (PCI-7234/7234P/LPCI-7230/
LPCIe-7230)
Sink current up to 500 mA on single isolated output
Twoexternalinterruptsources(PCI-7230/LPCI-7230/
LPCIe-7230/cPCI-7230)
Change-of-state interrupt sources (PCI-7233)
Compact,low-profilePCI/PCIExpress®sizePCB
(LPCI-7230/LPCIe-7230)
■ Operating Systems
• Windows 7/Vista/XP/2000/2003 Server
• Linux
■ Recommended Software
• AD-Logger
• VB.NET/VC.NET/VB/VC++/BCB/Delphi
• DAQBench
■ Driver Support
• DAQPilot for LabVIEW™
• DAQ-MTLB for MATLAB®
• PCIS-DASK for Windows
• PCIS-DASK/X for Linux
32-CH Isolated DIO Cards
PCI-7230/7233/7234, LPCI/LPCIe/cPCI-7230
Specifications
Isolated Digital Input
Number of channels
• 16 (PCI-7230/LPCI-7230/LPCIe-7230/cPCI-7230)
• 32 (PCI-7233)
Maximum input range
• 24 V, non-polarity
• PCI-7230/PCI-7233/LPCI-7230/LPCIe-7230
Digital logic levels
• 0-24 V, non-polarity
-
Input high voltage: 5-24 V
-
Input low voltage: 0-1.5 V
Input resistance: 1.2 k @ 0.5 W
Isolation voltage
• 2500 VRMS (LPCI-7230/LPCIe-7230)
• 5000 VRMS (PCI-7230/PCI-7233/cPCI-7230)
Interrupt sources
• Digital input channel 0 and 1 (PCI-7230/LPCI-7230/
LPCI-7230/cPCI-7230)
• Change-of-state (PCI-7233)
Data transfers: programmed I/O
Isolated Digital Output
Number of channels
• 16 (PCI-7230/LPCI-7230/LPCIe-7230/cPCI-7230)
• 32 (PCI-7234)
Output type: Darlington transistor
LPCI-7230
PCI-7233
LPCIe-7230
cPCI-7230
Sink current
• 500 mA for one channel @ 100% duty
(PCI-7230/LPCI-7230/LPCIe-7230)
• 370 mA for all channels @ 10% duty
(PCI-7230/LPCI-7230/LPCIe-7230)
• 130 mA for all channels @ 50% duty
(PCI-7230/LPCI-7230/LPCIe-7230)
• 500 mA for single channel @ 100% duty (PCI-7234)
• 500 mA for all channels @ 20% duty (PCI-7234)
Source current
• 500 mA for one channel @100% duty cycle
(PCI-7234P)
• 260 mA for all channels @10% duty cycle
(PCI-7234P)
Power dissipation
• Max. 1.47 W per chip (8 DO channels)
(PCI-7230/PCI-7234P/LPCI-7230/LPCIe-7230)
• Max. 2.25 W per chip (8 DO channels) (PCI-7234)
Supply voltage: 5-35 VDC
Isolation voltage: 2500 VRMS
Data transfers: programmed I/O
General Specifications
I/O connector
• PCI-7230/7233/7234/7234P
-
37-pin D-sub female
• PCI-7230/LPCI-7230/cPCI-7230
-
One 50-pin SCSI-II female
PCI-7230


Similar Part No. - LPCI-7230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPCI-7250 ETC2-LPCI-7250 Datasheet
407Kb / 2P
   8-CH Relay Outputs & 8-CH Isolated DI Cards
logo
Adlink Technology Inc.
LPCI-7250 ADLINK-LPCI-7250 Datasheet
278Kb / 1P
   8-CH Relay Outputs & 8-CH Isolated DI Cards
More results

Similar Description - LPCI-7230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI-7442 ETC2-PCI-7442 Datasheet
297Kb / 2P
   High-density 128-CH Isolated DIO/DI/DO Cards
logo
Adlink Technology Inc.
CPCI-7248 ADLINK-CPCI-7248 Datasheet
297Kb / 1P
   48-CH DIO & Timer/Counter Cards
logo
List of Unclassifed Man...
CPCI-7248 ETC2-CPCI-7248 Datasheet
297Kb / 1P
   48-CH DIO & Timer/Counter Cards
ACL-8316 ETC2-ACL-8316 Datasheet
349Kb / 1P
   ISA DAQ/DIO Cards
CPCI-7252 ETC2-CPCI-7252 Datasheet
407Kb / 2P
   8-CH Relay Outputs & 8-CH Isolated DI Cards
logo
Adlink Technology Inc.
PCI-7250 ADLINK-PCI-7250 Datasheet
278Kb / 1P
   8-CH Relay Outputs & 8-CH Isolated DI Cards
logo
List of Unclassifed Man...
CPCI-7432 ETC2-CPCI-7432 Datasheet
353Kb / 2P
   64-CH Isolated Digital I/O Cards
CPCI-7200 ETC2-CPCI-7200 Datasheet
329Kb / 1P
   12 MB/s High-Speed 32-CH DI & 32-CH DO Cards
logo
Adlink Technology Inc.
CPCI-7432 ADLINK-CPCI-7432 Datasheet
208Kb / 1P
   64-CH Isolated Digital I/O Cards
logo
List of Unclassifed Man...
PCIE-7200 ETC2-PCIE-7200 Datasheet
325Kb / 2P
   12 MB/s High-Speed 32-CH DI & 32-CH DO Cards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com