Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62150RGTT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62150RGTT
Description  4-17V 1A Step-Down Converter with DCS-Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62150RGTT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV62150RGTT Datasheet HTML 5Page - Texas Instruments TLV62150RGTT Datasheet HTML 6Page - Texas Instruments TLV62150RGTT Datasheet HTML 7Page - Texas Instruments TLV62150RGTT Datasheet HTML 8Page - Texas Instruments TLV62150RGTT Datasheet HTML 9Page - Texas Instruments TLV62150RGTT Datasheet HTML 10Page - Texas Instruments TLV62150RGTT Datasheet HTML 11Page - Texas Instruments TLV62150RGTT Datasheet HTML 12Page - Texas Instruments TLV62150RGTT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
3.0
6.0
9.0
12.0
15.0
18.0
20.0
−40°C
25°C
85°C
Input Voltage (V)
G001
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.0
6.0
9.0
12.0
15.0
18.0
20.0
−40°C
25°C
85°C
Input Voltage (V)
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4
6
8
10
12
14
16
18
IOUT=0.5A
IOUT=1A
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.2
0.5
0.8
1
Output Current (A)
VIN=12V, VOUT=3.3V
L=2.2uH (XFL4020)
FSW=Low
G000
3.20
3.25
3.30
3.35
3.40
0.0001
0.001
0.01
0.1
1
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G001
3.20
3.25
3.30
3.35
3.40
4
7
10
13
16
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G001
TLV62150, TLV62150A
www.ti.com
SLVSB71B – FEBRUARY 2012 – REVISED JUNE 2013
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 16. Output Voltage Accuracy (Load Regulation)
Figure 17. Output Voltage Accuracy (Line Regulation)
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 18. Switching Frequency
Figure 19. Switching Frequency
INPUT CURRENT
INPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 20. Quiescent Current
Figure 21. Shutdown Current
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV62150 TLV62150A


Similar Part No. - TLV62150RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150RGTT TI1-TLV62150RGTT Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
More results

Similar Description - TLV62150RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Taiwan Memory Technolog...
T8302 TMT-T8302 Datasheet
124Kb / 12P
   PWM Control 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com