Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3221IGV-25-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3221IGV-25-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3221IGV-25-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3221IGV-25-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3221IGV-25-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3221IGV-25-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3221IGV-25-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3221IGV-25-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3221IGV-25-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3221IGV-25-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3221IGV-25-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3221IGV-25-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
3221.2002.03.0.94
9
Applications Information
To assure the maximum possible performance is
obtained from the AAT3221/2, please refer to the
following application recommendations.
Input Capacitor
Typically a 1µF or larger capacitor is recommended
for CIN in most applications. A CIN capacitor is not
required for basic LDO regulator operation.
However, if the AAT3221/2 is physically located any
distance more than a centimeter or two from the
input power source, a CIN capacitor will be needed
for stable operation. CIN should be located as close
to the device VIN pin as practically possible. CIN val-
ues greater than 1µF will offer superior input line
transient response and will assist in maximizing the
power supply ripple rejection.
Ceramic, tantalum or aluminum electrolytic capaci-
tors may be selected for CIN as there is no specific
capacitor ESR requirement. For 150mA LDO reg-
ulator output operation, ceramic capacitors are rec-
ommended for CIN due to their inherent capability
over tantalum capacitors to withstand input current
surges from low impedance sources such as bat-
teries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins VOUT
and GND. The COUT capacitor connection to the
LDO regulator ground pin should be made as direct
as practically possible for maximum device per-
formance.
The AAT3221/2 has been specifically
designed to function with very low ESR ceramic
capacitors. Although the device is intended to oper-
ate with these low ESR capacitors, it is stable over
a very wide range of capacitor ESR, thus it will also
work with some higher ESR tantalum or aluminum
electrolytic capacitors. However, for best perform-
ance, ceramic capacitors are recommended.
The value of COUT typically ranges from 0.47µF to
10µF, however 1µF is sufficient for most operating
conditions.
If large output current steps are required by an
application, then an increased value for COUT
should be considered. The amount of capacitance
needed can be calculated from the step size of the
change in output load current expected and the
voltage excursion that the load can tolerate.
The total output capacitance required can be cal-
culated using the following formula:
COUT =
∆I
× 15µF
∆V
Where:
∆I = maximum step in output current
∆V = maximum excursion in voltage that the load
can tolerate
Note that use of this equation results in capacitor
values approximately two to four times the typical
value needed for an AAT3221/2 at room tempera-
ture. The increased capacitor value is recommend-
ed if tight output tolerances must be maintained over
extreme operating conditions and maximum opera-
tional temperature excursions. If tantalum or alu-
minum electrolytic capacitors are used, the capacitor
value should be increased to compensate for the
substantial ESR inherent to these capacitor types.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3221/2.
Ceramic capacitors offer
many advantages over their tantalum and alu-
minum electrolytic counterparts. A ceramic capac-
itor typically has very low ESR, is lower cost, has a
smaller PCB footprint and is non-polarized. Line
and load transient response of the LDO regulator is
improved by using low ESR ceramic capacitors.
Since ceramic capacitors are non-polarized, they
are less prone to damage if connected incorrectly.
Equivalent Series Resistance (ESR): ESR is a
very important characteristic to consider when
selecting a capacitor. ESR is the internal series
resistance associated with a capacitor, which
includes lead resistance, internal connections,
capacitor size and area, material composition and
ambient temperature. Typically capacitor ESR is
measured in milliohms for ceramic capacitors and
can range to more than several ohms for tantalum
or aluminum electrolytic capacitors.
Ceramic Capacitor Materials: Ceramic capacitors
less than 0.1µF are typically made from NPO or
COG materials. NPO and COG materials are typi-
cally tight tolerance and very stable over tempera-
ture. Larger capacitor values are typically composed
of X7R, X5R, Z5U and Y5V dielectric materials.


Similar Part No. - AAT3221IGV-25-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3221IGV-2.0-T1 AAT-AAT3221IGV-2.0-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221IGV-2.0-T1 ANALOGICTECH-AAT3221IGV-2.0-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221IGV-2.3-T1 AAT-AAT3221IGV-2.3-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221IGV-2.3-T1 ANALOGICTECH-AAT3221IGV-2.3-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221IGV-2.4-T1 AAT-AAT3221IGV-2.4-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IGV-25-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com