Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5630PA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBSS5630PA
Description  30 V, 6 A PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5630PA Datasheet(HTML) 4 Page - NXP Semiconductors

  PBSS5630PA Datasheet HTML 1Page - NXP Semiconductors PBSS5630PA Datasheet HTML 2Page - NXP Semiconductors PBSS5630PA Datasheet HTML 3Page - NXP Semiconductors PBSS5630PA Datasheet HTML 4Page - NXP Semiconductors PBSS5630PA Datasheet HTML 5Page - NXP Semiconductors PBSS5630PA Datasheet HTML 6Page - NXP Semiconductors PBSS5630PA Datasheet HTML 7Page - NXP Semiconductors PBSS5630PA Datasheet HTML 8Page - NXP Semiconductors PBSS5630PA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PBSS5630PA_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 19 March 2010
4 of 15
NXP Semiconductors
PBSS5630PA
30 V, 6 A PNP low VCEsat (BISS) transistor
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for collector 1 cm2
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab979
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
006aab980
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75


Similar Part No. - PBSS5630PA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5630PA NEXPERIA-PBSS5630PA Datasheet
475Kb / 16P
   30 V, 6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 19 March 2010
logo
NXP Semiconductors
PBSS5630PA PHILIPS-PBSS5630PA_15 Datasheet
379Kb / 15P
   30 V, 6 A PNP low VCEsat (BISS) transistor
Rev. 01-19 March 2010
More results

Similar Description - PBSS5630PA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5630PA NEXPERIA-PBSS5630PA Datasheet
475Kb / 16P
   30 V, 6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 19 March 2010
logo
NXP Semiconductors
PBSS5630PA PHILIPS-PBSS5630PA_15 Datasheet
379Kb / 15P
   30 V, 6 A PNP low VCEsat (BISS) transistor
Rev. 01-19 March 2010
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4032PD NXP-PBSS4032PD Datasheet
190Kb / 14P
   30 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-27 January 2010
PBSS303PX NXP-PBSS303PX Datasheet
197Kb / 15P
   30 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
logo
Nexperia B.V. All right...
PBSS5330PAS NEXPERIA-PBSS5330PAS Datasheet
735Kb / 18P
   30 V, 3 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4032PX PHILIPS-PBSS4032PX_15 Datasheet
197Kb / 15P
   30 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 01-1 April 2010
PBSS5130T PHILIPS-PBSS5130T_15 Datasheet
203Kb / 11P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com