Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SCA104902R1001 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1SCA104902R1001
Description  Switch-disconnectors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SCA104902R1001 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1SCA104902R1001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SCA104902R1001 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SCA104902R1001 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SCA104902R1001 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SCA104902R1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SCA104902R1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SCA104902R1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SCA104902R1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SCA104902R1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
Enhanced range
of switch-disconnectors
From 16 to 3150 A, 690 V
The switch-disconnectors are suitable for diverse
applications, in motor control centers, in switchboards and
as main switches in various equipment and machines. From
single to 8-poles front operated switches with pistol handle
or direct mounted handle. For installation in enclosures, side
operated switches, switches with wide phase distance and
combination switches for change-over, bypass, reversing etc.
Mountable on DIN rails or base plates and on the door,
both by snap-on and screw fitting
Snap-on mounting of accessories
4
1SCC301001C0201


Similar Part No. - 1SCA104902R1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SCA101647R1001 ETC2-1SCA101647R1001 Datasheet
100Kb / 1P
   door coupling rotary mechanism it is possible to operate a manual motor starter in the back of a switch cabinet from outside.
1SCA101655R1001 ETC2-1SCA101655R1001 Datasheet
100Kb / 1P
   door coupling rotary mechanism it is possible to operate a manual motor starter in the back of a switch cabinet from outside.
1SCA101659R1001 ETC2-1SCA101659R1001 Datasheet
100Kb / 1P
   door coupling rotary mechanism it is possible to operate a manual motor starter in the back of a switch cabinet from outside.
1SCA108043R1001 ETC2-1SCA108043R1001 Datasheet
100Kb / 1P
   door coupling rotary mechanism it is possible to operate a manual motor starter in the back of a switch cabinet from outside.
More results

Similar Description - 1SCA104902R1001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1774629 PHOENIX-1774629 Datasheet
60Kb / 2P
   Test disconnectors - PTS-5,08-16 BG
11/04/2018
1713986 PHOENIX-1713986 Datasheet
57Kb / 2P
   Test disconnectors - PTS-5,08-16 BK
11/04/2018
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750_15 Datasheet
450Kb / 10P
   Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com