Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3501AIDG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3501AIDG4
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3501AIDG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3501AIDG4 Datasheet HTML 4Page - Texas Instruments TLV3501AIDG4 Datasheet HTML 5Page - Texas Instruments TLV3501AIDG4 Datasheet HTML 6Page - Texas Instruments TLV3501AIDG4 Datasheet HTML 7Page - Texas Instruments TLV3501AIDG4 Datasheet HTML 8Page - Texas Instruments TLV3501AIDG4 Datasheet HTML 9Page - Texas Instruments TLV3501AIDG4 Datasheet HTML 10Page - Texas Instruments TLV3501AIDG4 Datasheet HTML 11Page - Texas Instruments TLV3501AIDG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
8
RELAXATION OSCILLATOR
The TLV350x can easily be configured as a simple and
inexpensive relaxation oscillator. In Figure 4, the R2
network sets the trip threshold at 1/3 and 2/3 of the supply.
Since this is a high-speed circuit, the resistor values are
rather low in order to minimize the effect of parasitic
capacitance. The positive input alternates between 1/3 of
V+ and 2/3 of V+ depending on whether the output is low
or high. The time to charge (or discharge) is 0.69R1C.
Therefore, the period is 1.38R1C. For 62pF and 1kΩ as
shown in Figure 4, the output is calculated to be 10.9MHz.
An implementation of this circuit oscillated at 9.6MHz.
Parasitic capacitance and component tolerances explain
the difference between theory and actual performance.
V+
f=10MHz
V
S =5V
2/3 (V+)
1/3 (V+)
R
1
1k
R
2
5k
R
2
5k
R
2
5k
V
OUT
V
C
V+
t
C
62pF
1.38R
1C
t
Figure 4. Relaxation Oscillator
HIGH-SPEED WINDOW COMPARATOR
A window comparator circuit is used to determine when a
signal is between two voltages. The TLV3502 can readily
be used to create a high-speed window comparator. VHI
is the upper voltage threshold, and VLO is the lower voltage
threshold. When VIN is between these two thresholds, the
output in Figure 5 is high. Figure 6 shows a simple means
of obtaining an active low output. Note that the reference
levels are connected differently between Figure 5 and
Figure 6. The operating voltage range of either circuit is
2.7V to 5.5V.
TLV3502b
TLV3502a
V
OUT
V
HI
V
LO
V
IN
SN74LVC1G02
V
HI
V
LO
V
IN
V
OUT
V
Time
Figure 5. Window Comparator—Active High
TLV3502b
TLV3502a
V
OUT
V
HI
V
LO
V
IN
SN74AHC00
V
HI
V
LO
V
IN
V
OUT
V
Time
Figure 6. Window Comparator—Active Low


Similar Part No. - TLV3501AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501AIDG4 TI-TLV3501AIDG4 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - TLV3501AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com