Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1117-15CDCY Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117-15CDCY
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117-15CDCY Datasheet(HTML) 5 Page - Texas Instruments

  TLV1117-15CDCY Datasheet HTML 1Page - Texas Instruments TLV1117-15CDCY Datasheet HTML 2Page - Texas Instruments TLV1117-15CDCY Datasheet HTML 3Page - Texas Instruments TLV1117-15CDCY Datasheet HTML 4Page - Texas Instruments TLV1117-15CDCY Datasheet HTML 5Page - Texas Instruments TLV1117-15CDCY Datasheet HTML 6Page - Texas Instruments TLV1117-15CDCY Datasheet HTML 7Page - Texas Instruments TLV1117-15CDCY Datasheet HTML 8Page - Texas Instruments TLV1117-15CDCY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TLV1117
www.ti.com
SLVS561K – DECEMBER 2004 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Continuous input voltage
16
V
TJ
Operating virtual-junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TLV1117
PowerFlex
THERMAL METRIC(1)(2)(3)
UNITS
KTE
KTP
DRJ
DCY
KVU
KCS/KCT
KTT
(3 PINS)
(3 PINS)
(8 PINS)
(4 PINS)
(3 PINS)
(3 PINS)
(3 PINS)
θJA
Junction-to-ambient thermal resistance
38.6
49.2
38.3
104.3
50.9
30.1
27.5
θJCtop
Junction-to-case (top) thermal
34.7
60.6
36.5
53.7
57.9
44.6
43.2
resistance
θJB
Junction-to-board thermal resistance
3.2
3.1
60.5
5.7
34.8
1.2
17.3
ψJT
Junction-to-top characterization
5.9
8.7
0.2
3.1
6
5
2.8
parameter
°C/W
Junction-to-board characterization
ψJB
3.1
3
12
5.5
23.7
1.2
9.3
parameter
Junction-to-case (bottom) thermal
θJCbot
3
3
4.7
n/a
0.4
0.4
0.3
resistance
Thermal resistance between the die
θJP
junction and the bottom of the exposed
2.7
1.4
1.78
n/a
n/a
3
1.94
pad.
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
RECOMMENDED OPERATING CONDITIONS
MIN(1)
MAX
UNIT
TLV1117
2.7
15
TLV1117-15
2.9
15
TLV1117-18
3.2
15
VIN
Input voltage
V
TLV1117-25
3.9
15
TLV1117-33
4.7
15
TLV1117-50
6.4
15
IO
Output current
0.8
A
TLV1117C
0
125
TJ
Operating virtual-junction temperature
°C
TLV1117I
–40
125
(1)
The input-to-output differential across the regulator should provide for some margin against regulator operation at the maximum dropout
(for a particular current value). This margin is needed to account for tolerances in both the input voltage (lower limit) and the output
voltage (upper limit). The absolute minimum VIN for a desired maximum output current can be calculated by the following:
VIN(min) = VOUT(max) + VDO(max at rated current)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV1117


Similar Part No. - TLV1117-15CDCY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117-15CDCY TI-TLV1117-15CDCY Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI1-TLV1117-15CDCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCYG3 TI-TLV1117-15CDCYG3 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCYG3 TI1-TLV1117-15CDCYG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCYR TI-TLV1117-15CDCYR Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117-15CDCY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com