Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9250A-823-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 9250A-823-RC
Description  Molded Axial Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

9250A-823-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  9250A-823-RC Datasheet HTML 1Page - Bourns Electronic Solutions 9250A-823-RC Datasheet HTML 2Page - Bourns Electronic Solutions 9250A-823-RC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
9250A Series Molded Axial Inductor
Typ. Part Marking - MIL-STD Color Code
Color
1st & 2nd
Significant Figure
or Decimal Point
Multiplier
Tolerance
Black
0
1
Brown
1
10
Red
2
100
Orange
3
1000
Yellow
4
Green
5
Blue
6
Violet
7
Gray
8
White
9
%
0
1
±
r
e
v
li
S
Gold
Decimal Point
± 5 %
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Blue)
Decimal point (Gold)
2nd significant figure (Gray)
Tolerance (Silver)
Example for L value less than 10 µH
6.8 µH, ±10 %
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Red)
2nd significant figure (Purple)
Multiplier (Brown)
Tolerance (Gold)
Example for L value 10 µH and higher
270 µH, ±5 %
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Bourns Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
Idc
(mA)
Isat
(mA)
(
μH)
Tol. (%)
9250A-105-RC
1000
±10
60
0.79
3.8
17.5
70
40
9250A-125-RC
1200
±10
45
0.25
1.5
22.1
60
35
9250A-155-RC
1500
±10
45
0.25
1.2
26.5
55
33
9250A-185-RC
1800
±10
45
0.25
1.0
29.9
50
30
9250A-225-RC
2200
±10
45
0.25
0.97
33.8
50
27
9250A-275-RC
2700
±10
45
0.25
0.92
47.3
40
25
9250A-335-RC
3300
±10
45
0.25
0.84
53.0
40
22
9250A-395-RC
3900
±10
45
0.25
0.8
73.8
35
20
9250A-475-RC
4700
±10
45
0.25
0.74
81.6
31
19
9250A-565-RC
5600
±10
44
0.25
0.73
98.9
28
17
9250A-685-RC
6800
±10
40
0.25
0.66
111
27
16
9250A-825-RC
8200
±10
40
0.25
0.54
119
26
15
Electrical Specifications (Continued)
10.41 ± 0.51
(0.41 ± 0.02)
25.4
(1.00)
TYP.
0.635
(0.025)
4.11 ± 0.25
(0.162 ± 0.01)


Similar Part No. - 9250A-823-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9250A-823-RC BOURNS-9250A-823-RC Datasheet
248Kb / 2P
   Molded Axial Inductor
More results

Similar Description - 9250A-823-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A BOURNS-9250A Datasheet
248Kb / 2P
   Molded Axial Inductor
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com