Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4745AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1N4745AT
Description  Voltage regulator diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

1N4745AT Datasheet(HTML) 2 Page - NXP Semiconductors

  1N4745AT Datasheet HTML 1Page - NXP Semiconductors 1N4745AT Datasheet HTML 2Page - NXP Semiconductors 1N4745AT Datasheet HTML 3Page - NXP Semiconductors 1N4745AT Datasheet HTML 4Page - NXP Semiconductors 1N4745AT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Philips Semiconductors
Product specification
Voltage regulator diodes
1N4728A to 1N4749A
FEATURES
• Total power dissipation:
max. 1000 mW
• Tolerance series: ±5%
• Working voltage range:
nom. 3.3 to 24 V.
APPLICATIONS
• Low voltage stabilizers.
DESCRIPTION
Low voltage regulator diodes in hermetically sealed SOD66 (DO-41) packages.
The series consists of 22 types with nominal working voltages from 3.3 to 24 V.
Fig.1 Simplified outline (SOD66; DO-41) and symbol.
The diodes are type branded.
handbook, halfpage
MAM241
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
500
mA
IZM
working current
see Table
“Per type”
IZSM
non-repetitive peak reverse current
see Table
“Per type”
Ptot
total power dissipation
Tamb =50 °C
1000
mW
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−65
+200
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 200 mA; see Fig.3
1.2
V


Similar Part No. - 1N4745AT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1N4745A RENESAS-1N4745A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
New Jersey Semi-Conduct...
1N4745A NJSEMI-1N4745A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
NXP Semiconductors
1N4745A PHILIPS-1N4745A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4745A VISHAY-1N4745A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Shenzhen Ping Sheng Ele...
1N4745A PFS-1N4745A Datasheet
390Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - 1N4745AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com