Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-7853 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCI-7853
Description  16-CH Discrete Input-16-CH Discrete Output Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCI-7853 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCI-7853 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-5 www.adlinktech.com
16-CH Discrete Input-16-CH Discrete Output Modules
Features
■ Support 16 DI channels and 16 DO channels
■ Transmission speeds: 3/6/12 Mbps
■ RJ-45 phone jack for easy installation
■ Compact and single board design to meet space limitation
and cost-effective requirement
■ Offer three connection options:
UJ Type
•Suitable for single I/O channel wiring.
•Each connector offers three pins: power,
signal, and ground.
US Type
•Suitable for bundle wiring with lock.
•Flat cables can be used to connect to
each sensor or actuator.
UD Type
•Suitable for screw type wiring.
•Each wire to sensors or actuators can
be fixed by the screw terminal.
HSL-DI16DO16-UJ/-US/-UD
Industrial control and process systems
CIM (Computer Integrated Manufacturing) systems
Security control systems
Remote control systems
Applications
Ordering Information
■ HSL-DI16DO16-UJ-NN
16-CH discrete input and 16-CH discrete output
module with UJ type connector, NPN type
■ HSL-DI16DO16-US-NN
16-CH discrete input and 16-CH discrete output
module with US type connector, NPN type
■ HSL-DI16DO16-UD-NN
16-CH discrete input and 16-CH discrete output
module with UD type connector, NPN type
■ PCI-7853
Single HSL master controller with two separate
connectors
■ PCI-7854
Dual HSL master controller with four separate
connectors
■ PCI-7856
Master-slave distributed motion & I/O master
controller (For more information on PCI-7856,
please refer to Section 6, P6-26)
Slave ID Consumption
1
Transmission Mode
Full/Half duplex
Transmission Speed
3/6/12 Mbps selectable, 6 Mbps is the default setting
Input Impedance
4.7 KΩ
Input Current
±10 mA (max), ±12 mA (peak), NPN sinking type
Input Voltage
+24 V
Operation Temperature
0˚C to +60˚C
Photo Couple Isolation Voltage
2500 VRMS
LED Indicator
Power, Input/Output status and Link
Dimension
138 x 52.7 x 71.8 mm (W x H x D)
Power Requirement
+24 VDC (±10%)
Specifications
■Windows® Platform
Windows® 7/Vista (32-bit)/XP/2000 libraries
■HSL LinkMaster Utility
The HSL LinkMaster utility is used to scan and
test slave devices.
Software Support
HSL-DI16DO16-UJ-NN
HSL-DI16DO16-US-NN
HSL-DI16DO16-UD-NN
HSL Slave Modules


Similar Part No. - PCI-7853

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI-7853 ETC2-PCI-7853 Datasheet
238Kb / 1P
   High Speed Link Master Controllers
More results

Similar Description - PCI-7853

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSL-DO16-UC ETC2-HSL-DO16-UC Datasheet
175Kb / 1P
   16-CH Discrete Input 16-CH Discrete Output Modules
HSL-DI32-UD ETC2-HSL-DI32-UD Datasheet
234Kb / 1P
   32-CH Discrete Input Modules with U Profile
logo
Advantech Co., Ltd.
AMAX-4830 ADVANTECH-AMAX-4830 Datasheet
473Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital
24-Dec-2018
PCI-1762 ADVANTECH-PCI-1762 Datasheet
587Kb / 1P
   16-ch Relay and 16-ch Isolated Digital Input PCI Card
PCI-1762 ADVANTECH-PCI-1762_15 Datasheet
165Kb / 1P
   16-ch Relay and 16-ch Isolated Digital Input PCI Card
ADAM-4053 ADVANTECH-ADAM-4053 Datasheet
706Kb / 1P
   16-ch Digital Input Module
AMAX-5052 ADVANTECH-AMAX-5052 Datasheet
481Kb / 1P
   16-ch Digital Input Module
3-Mar-2020
ADAM-5056 ADVANTECH-ADAM-5056 Datasheet
629Kb / 1P
   16-ch Digital Output Module
logo
Schneider Electric
140DRA84000 SCHNEIDER-140DRA84000 Datasheet
134Kb / 5P
   discrete output module Modicon Quantum - 16 O
Apr 12, 2022
logo
Advantech Co., Ltd.
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com