Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9230-66-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 9230-66-RC
Description  Molded Axial Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

9230-66-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  9230-66-RC Datasheet HTML 1Page - Bourns Electronic Solutions 9230-66-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Formerly
model
High Q value
Inductance range: 0.1
μH to 1000 μH
RoHS compliant*
Applications
Filters
Output chokes
9230 Series Molded Axial Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications
General Specifications
Temperature Rise ................ 35 °C at Idc
Operating Temperature
Ferrite...................... -55 °C to +125 °C
Phenolic .................. -55 °C to +105 °C
Storage Temperature
Ferrite...................... -55 °C to +125 °C
Phenolic .................. -55 °C to +105 °C
Dielectric Strength ................. 1000 Vrms
Materials
Core........................... Phenolic or Ferrite
Wire ............................ Enameled copper
Terminal Coating................................. Sn
Packaging
Standard..................1000 pcs. per bag
Optional......5000 pcs. per 14-inch reel
Electrical Schematic
How to Order
9230 - 02 - __ - RC
Model
Value Code
Two-digit code from table
(Example: -02 = 0.18
μH)
Packaging Code
Blank = 1000 pcs./bag
TR = 5000 pcs./14-inch reel
Compliance Code
RC = RoHS compliant*
Examples:
• 9230-00-RC = 0.15
μH packaged
1000 pcs./bag.
• 9230-16-TR-RC = 0.68
μH packaged
5000 pcs./14-inch reel.
Bourns Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
Idc
(mA)
Core
Material
(
μH) Tol. (%)
9230-94-RC
0.10
±10
40
25
690
0.07
1100
Phenolic
9230-96-RC
0.12
±10
40
25
650
0.08
1100
Phenolic
9230-00-RC
0.15
±10
38
25
600
0.10
1100
Phenolic
9230-02-RC
0.18
±10
35
25
550
0.12
1010
Phenolic
9230-04-RC
0.22
±10
33
25
510
0.14
935
Phenolic
9230-06-RC
0.27
±10
33
25
430
0.16
875
Phenolic
9230-08-RC
0.33
±10
30
25
410
0.20
780
Phenolic
9230-10-RC
0.39
±10
30
25
380
0.30
640
Phenolic
9230-12-RC
0.47
±10
30
25
340
0.35
590
Phenolic
9230-14-RC
0.56
±10
30
25
300
0.50
495
Phenolic
9230-16-RC
0.68
±10
28
25
275
0.60
450
Phenolic
9230-18-RC
0.82
±10
28
25
250
0.85
380
Phenolic
9230-20-RC
1.0
±10
25
25
230
1.00
350
Phenolic
9230-22-RC
1.2
±10
25
7.9
150
0.18
825
Ferrite
9230-24-RC
1.5
±10
28
7.9
140
0.22
745
Ferrite
9230-26-RC
1.8
±10
30
7.9
125
0.30
640
Ferrite
9230-28-RC
2.2
±10
30
7.9
115
0.40
550
Ferrite
9230-30-RC
2.7
±10
37
7.9
100
0.50
495
Ferrite
9230-32-RC
3.3
±10
45
7.9
90
0.85
380
Ferrite
9230-34-RC
3.9
±10
45
7.9
82
1.0
350
Ferrite
9230-36-RC
4.7
±10
45
7.9
75
1.2
320
Ferrite
9230-38-RC
5.6
±10
50
7.9
68
1.8
260
Ferrite
9230-40-RC
6.8
±10
50
7.9
60
2.0
245
Ferrite
9230-42-RC
8.2
±10
55
7.9
55
2.7
210
Ferrite
9230-44-RC
10
±10
55
7.9
50
3.7
180
Ferrite
9230-46-RC
12
±10
45
2.5
40
2.7
210
Ferrite
9230-48-RC
15
±10
45
2.5
35
2.8
205
Ferrite
9230-50-RC
18
±10
50
2.5
32
3.1
195
Ferrite
9230-52-RC
22
±10
50
2.5
25
3.3
190
Ferrite
9230-54-RC
27
±10
50
2.5
22
3.5
185
Ferrite
9230-56-RC
33
±10
45
2.5
24
3.4
187
Ferrite
9230-58-RC
39
±10
45
2.5
22
3.6
180
Ferrite
9230-60-RC
47
±10
45
2.5
20
4.5
165
Ferrite
9230-62-RC
56
±10
45
2.5
18
5.7
145
Ferrite
9230-64-RC
68
±10
50
2.5
15
6.7
135
Ferrite
9230-66-RC
82
±10
50
2.5
14
7.3
130
Ferrite
9230-68-RC
100
±10
50
2.5
13
8.0
125
Ferrite
9230-70-RC
120
±10
30
0.79
12
13
97
Ferrite
9230-72-RC
150
±10
30
0.79
11
15
85
Ferrite
9230-74-RC
180
±10
30
0.79
10
17
79
Ferrite
9230-76-RC
220
±10
30
0.79
9
21
73
Ferrite
9230-78-RC
270
±10
30
0.79
8
25
65
Ferrite
9230-80-RC
330
±10
30
0.79
7
28
62
Ferrite
9230-82-RC
390
±10
30
0.79
6.5
35
55
Ferrite
9230-84-RC
470
±10
30
0.79
6
42
50
Ferrite
9230-86-RC
560
±10
30
0.79
5
46
48
Ferrite
9230-88-RC
680
±10
30
0.79
4.2
60
42
Ferrite
9230-90-RC
820
±10
30
0.79
3.8
65
40
Ferrite
9230-92-RC
1000
±10
30
0.79
3.4
72
38
Ferrite


Similar Part No. - 9230-66-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
923-4N0C-10B ETC2-923-4N0C-10B Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
923-4N0C-10C ETC2-923-4N0C-10C Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
923-4N0C-11B ETC2-923-4N0C-11B Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
923-4N0C-11C ETC2-923-4N0C-11C Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
923-4N0C-12B ETC2-923-4N0C-12B Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
More results

Similar Description - 9230-66-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A BOURNS-9250A Datasheet
248Kb / 2P
   Molded Axial Inductor
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com