Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3236 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3236
Description  300mA CMOS High Performance LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3236 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3236 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Power Supply Rejection Ratio
vs. Frequency
30
40
50
60
70
80
90
10
100
1k
10k
100k
1m
10m
Frequency (Hz)
10
µF
4.7
µF
2.2
µF
1.0
µF
Short Circuit Current
0
0.2
0.4
0.6
0.8
1
1.2
10ms/div
Load Transient Response
2.80
2.85
2.90
2.95
3.00
3.05
3.10
100
µS/div
0
200
400
600
800
1000
1200
Line Transient Response
2.90
2.95
3.00
3.05
3.10
3.15
3.20
5
µs/div
0
1
2
3
4
5
6
On/Off Transient Response
C
BYP=10nF
5ms/div
10mA
150mA
300mA
EN (2V/div)
VOUT (1V/div)
On/Off Transient Response
No C
BYP Capacitor
100
µs/div
10mA
300mA
150mA
EN (2v/div)
VOUT (1v/div)
AAT3236
300mA CMOS High Performance LDO
3236.2001.11.0.9
5


Similar Part No. - AAT3236

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236IGV-2.5-T1 AAT-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3236IGV-2.5-T1 ANALOGICTECH-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236IGV-2.7-T1 AAT-AAT3236IGV-2.7-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3236

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com