Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5921DAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921DAPR
Description  LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921DAPR Datasheet(HTML) 5 Page - Texas Instruments

  TLC5921DAPR Datasheet HTML 1Page - Texas Instruments TLC5921DAPR Datasheet HTML 2Page - Texas Instruments TLC5921DAPR Datasheet HTML 3Page - Texas Instruments TLC5921DAPR Datasheet HTML 4Page - Texas Instruments TLC5921DAPR Datasheet HTML 5Page - Texas Instruments TLC5921DAPR Datasheet HTML 6Page - Texas Instruments TLC5921DAPR Datasheet HTML 7Page - Texas Instruments TLC5921DAPR Datasheet HTML 8Page - Texas Instruments TLC5921DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
dc characteristics
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Voltage applied to constant current output, VO
OUT0 to OUT15 off
17
V
High-level input voltage, VIH
0.8 VCC
VCC
V
Low-level input voltage, VIL
GND
0.2 VCC
V
High-level output current, IOH
VCC = 4.5 V, SOUT
–1
mA
Low-level output current, IOL
VCC = 4.5 V, SOUT, XDOWN
1
mA
Constant output current, IO(LC)
OUT0 to OUT15
80
mA
Operating free-air temperature range, TA
–20
85
°C
ac characteristics, MIN/MAX: VCC = 4.5 V to 5.5 V, TA = –20 to 85°C
TYP: VCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
fSCLK
SCLK clock frequency
At single operation
20
MHz
fSCLK
SCLK clock frequency
At cascade operation (SOMODE = L)
15
MHz
twh/twl
SCLK pulse duration
20
ns
twh
XLAT pulse duration
10
ns
tr/tf
Rise/fall time
100
ns
t
Setup time
SIN – SCLK
5
ns
tsu
Setup time
XLAT – SCLK
5
ns
th
Hold time
SIN – SCLK
20
ns
th
Hold time
XLAT – SCLK
20
ns


Similar Part No. - TLC5921DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5921DAPR TI-TLC5921DAPR Datasheet
217Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5921DAPR TI1-TLC5921DAPR Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
TLC5921DAPRG4 TI-TLC5921DAPRG4 Datasheet
217Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5921DAPRG4 TI1-TLC5921DAPRG4 Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
More results

Similar Description - TLC5921DAPR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com