Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-R6700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6700
Description  Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6700 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CT-60 Series
Rugged Conduction Cooled 6U CompactPCI®
Processor Blade with 45nm Intel® Core™2 Duo
Features
45nm Intel® Core™2 Duo 2.26GHz
Up to 4GB DDR2-800 soldered memory
DVI/VGA display interfaces
Two PCI-Express GbE ports
Supports system/peripheral operation
Specifications
Processor & System
CPU
μFC-BGA Intel® Core™2 Duo Processor LV 2.26GHz (P8400),
3MB L2, FSB 1066MHz, TDP 25W
μFC-BGA Intel® CoreTM2 Duo Processor 1.6GHz (L7500),
4MB L2, FSB 800MHz, TDP 17W
Chipset
Intel® GM45 with ICH9M
RAM
Single channel DDR2-667/800 soldered SDRAM, up to 4GB
BIOS
AMIBIOS®8 dual 16Mbit SPI flash memory
Supports failover
CompactPCI Bus
PCI 64bit/ 66MHz, 3.3V or 5V universal V (I/O)
Supports operation in system and peripheral slots
PICMG Standards
PICMG® 2.0 CompactPCI® R3.0
PICMG® 2.1 Hot Swap R2.0
PICMG® 2.9 System Management v1.5 R1.0
PICMG® 2.16 Packet Switching Backplane R1.0
Connectivity
PMC
One PCI 64bit/66MHz PMC site
Ethernet
Two PCI-Express Intel® 82573L Gigabit Ethernet controllers
Two 10/100/1000BASE-T PICMG® 2.16 ports
Graphics
Integrated in Intel® GM45, powered by Gen-5.0 Graphics
Architecture
Additional discrete ATI/AMD E4690 GPU supporting two
DVI-I ports on RTM cPCI-R6700
Analog VGA up to QXGA, routed to RTM (TMDS to RTM)
Rear I/O Signals
2x GbE, 2x RS-232, 3x SATA, 6x USB, PCI Express x1, High
Def. Audio, 5x GPIO, TMDS, RGB, LVDS, KB/MS
Storage
SBC
Built in 4GB USB NAND flash onboard
(0°C to +60°C temperature range support only)
CompactFlash socket onboard
(0°C to +60°C temperature range support only)
RTM
Available interfaces dependent on RTM model selected
Operating System
OS
Microsoft Windows® XP Professional
Microsoft Windows® XP x64 Edition
Microsoft Windows® Vista x64 Edition
Red Hat Enterprise Linux 5.1
VxWorks 6.6, 6.8, 5.5.1
(Please contact ADLINK for other OS support)
Miscellaneous
Battery
N/A (optional Goldcap on RTM)
Watchdog Timer
System Reset and NMI, with Programmable Interval,
1-65535 seconds or minutes
Hardware Monitor
Monitors CPU & system temperatures, Vcore and DC
voltages
Mechanical & Environmental
Form Factor
6U 4HP (single slot) CompactPCI® , 233.33 mmx160 mm
(LxW)
Operating Temp.
-40°C to +85°C (temp. at wedge locks)
Storage Temp.
-50°C to +85°C
Rel. Humidity
95% , non-condensing
Shock
40G /11ms half sine, operating
Vibration
22~2000 Hz, 5g (sine), operating
Power Consumption
Core™2 Duo P8400, 4GB DDR2-800, 100GB SATA HDD
onboard under Windows® XP with 100% CPU loading
Current (A) Power (W)
5V
6.2
31.0
3.3V
2.2
7.3
Total
38.3
Weight
Net weight 1068g
Safety & EMI
Certifications
CE, FCC Class A
Ordering Information
Model Number
Description/Configuration
Processor Blades
CT-60/P84/M2
Rugged Conduction-Cooled 6U CompactPCI® blade with
Core™2 Duo 2.26GHz (P8400) processor and 2GB
soldered DDR2-800 memory with conformal coating
CT-60/P84/M4
Rugged Conduction-Cooled 6U CompactPCI® blade with
Core™2 Duo 2.26GHz (P8400) processor and 4GB
soldered DDR2-800 memory with conformal coating
CT-60/L75/M2
Rugged Conduciton-Cooled 6U CompactPCI® blade with
Core™2 Duo 1.6GHz (L7500) processor, 2GB soldered
DDR2-800 memory with conformal coating
Rear Transition Modules
cPCI-R6002D
8HP Rear I/O module with DVI-I, COM x2, USB x5, GbE x2,
SATA x3, Mic-in, Line-out, PS/2 KB/MS
cPCI-R6000P
8HP Rear I/O module with DVI-I, COM x2, USB x5, GbE x2,
SATA x3, Mic-in, Line-out, PS/2 KB/MS
cPCI-R6100
4HP Rear I/O module with GbE x4, COM, USB x4, SATA x2,
DVI, VGA, PS/2, CF, SD socket and rechargeable battery
cPCI-R6200
8HP Rear I/O module with GbE x2, USB x4, DVI-I, SATA x3,
Mic-in, Line-out, PS/2 KB/MS, SAS x8
cPCI-R6700
4HP Rear I/O module with discrete GPU ATI/AMD E4690,
DVI-I x2, GbE x2, USB x3, COM x2, KB/MS hearder, SATA
x3, audio header
Contact your ADLINK representative for different CPU, memory combinations.
See 6U RTM selection guide for more options.
Mezzanines
DB-CF-SA
CompactFlash socket adapter card
(for cPCI-R6002D, cPCI-R6110 and cPCI-R6200)


Similar Part No. - CPCI-R6700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
541Kb / 2P
   USB 3.0 and PCI-Express Gen3 support
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
550Kb / 2P
   Supports system/peripheral operation
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
269Kb / 1P
   Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
CPCI-R6700D ETC2-CPCI-R6700D Datasheet
549Kb / 2P
   Remote management support
CPCI-R6700D ETC2-CPCI-R6700D Datasheet
528Kb / 2P
   Two USB 3.0, four GbE ports on front panel
More results

Similar Description - CPCI-R6700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-31 ETC2-CT-31 Datasheet
277Kb / 1P
   Rugged Conduction Cooled 3U CompactPCI Intel Atom Processor Blade
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
   Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
Adlink Technology Inc.
CT-3510 ADLINK-CT-3510 Datasheet
232Kb / 2P
   Rugged Conduction Cooled 3U CompactPCI PlusIO Blade
logo
Advantech Co., Ltd.
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
   6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
MIC-3395MIL ADVANTECH-MIC-3395MIL_13 Datasheet
295Kb / 2P
   6U CompactPCI 3rd Generation Intel짰 Core??i7 Rugged Processor Blade with ECC
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
   6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Adlink Technology Inc.
CT-3620 ADLINK-CT-3620 Datasheet
239Kb / 2P
   Rugged Conduction Cooled 3U CompactPCI짰 Processor
logo
Advantech Co., Ltd.
MIC-3392L ADVANTECH-MIC-3392L Datasheet
262Kb / 2P
   6U CompactPCI Intel짰 Celeron짰 M Processor Blade
MIC-3393 ADVANTECH-MIC-3393 Datasheet
483Kb / 3P
   6U CompactPCI Intel짰 Xeon짰 Quad/Dual Core Processor Blade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com