Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3111IGU-36-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3111IGU-36-T1
Description  MicroPower??Regulated Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3111IGU-36-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3111IGU-36-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3111IGU-36-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3111IGU-36-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3111IGU-36-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3111IGU-36-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3111IGU-36-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3111IGU-36-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3111IGU-36-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3111IGU-36-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT3111
MicroPower™ Regulated Charge Pump
10
3111.2002.3.0.91
Applications Information
External Capacitor Selection
Careful selection of the three external capacitors
CIN, COUT and CFLY is very important because they
will affect turn on time, output ripple and transient
performance.
Optimum
performance
will
be
obtained when low ESR (<100m
Ω) ceramic capaci-
tors are used for CIN and COUT and CFLY. In gener-
al, low ESR may be defined as less than 100m
Ω. If
desired for a particular application, low ESR
Tantalum capacitors may be substituted; however
optimum output ripple performance may not be real-
ized. Aluminum Electrolytic capacitors are not rec-
ommended for use with the AAT3111 due to their
inherent high ESR characteristic.
Typically as a starting point, a capacitor value of
10µF should be used for CIN and COUT with 1µF for
CFLY when the AAT3111 is used under maximum
output load conditions. Lower values for CIN, COUT
and CFLY may be utilized for light load current appli-
cations.
Applications drawing a load current of
10mA or less may use a CIN and COUT capacitor
value as low as 1µF and a CFLY value of 0.1µF. CIN
and COUT may range from 1µF for light loads to
10µF or more for heavy output load conditions.
CFLY may range from 0.01µF to 2.2µF or more. If
CFLY is increased, COUT should also be increased
by the same ratio to minimize output ripple. As a
basic rule, the ratio between CIN, COUT and CFLY
should be approximately 10 to 1. The compromise
for lowering the value of CIN, COUT and the flying
capacitor CFLY is the output ripple voltage may be
increased. In any case, if the external capacitor
values deviate greatly from the recommendation of
CIN = COUT = 10µF and CFLY = 1µF, the AAT3111
output performance should be evaluated to assure
the device meets application requirements.
In applications where the input voltage source has
very low impedance, it is possible to omit the CIN
capacitor. However, if CIN is not used, circuit per-
formance should be evaluated to assure desired
operation is achieved.
Under high peak current
operating conditions that are typically experienced
during circuit start up or when load demands create
a large inrush current, poor output voltage regula-
tion can result if the input supply source impedance
is high, or if the value of CIN is too low. This situa-
tion can be remedied by increasing the value of CIN.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3111. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lower cost, has a smaller PCB
footprint and is non-polarized. Low ESR ceramic
capacitors help maximize charge pump transient
response. Since ceramic capacitors are non-polar-
ized, they are not prone to incorrect connection
damage.
Equivalent Series Resistance (ESR): ESR is a
very important characteristic to consider when
selecting a capacitor. ESR is a resistance internal
to a capacitor, which is caused by the leads, inter-
nal connections, size or area, material composition
and ambient temperature. Typically capacitor ESR
is measured in milliohms for ceramic capacitors
and can range to more than several ohms for tan-
talum or aluminum electrolytic capacitors.
Ceramic Capacitor Materials: Ceramic capacitors
less than 0.1µF are typically made from NPO or
COG materials. NPO and COG materials typically
have tight tolerance and are very stable over tem-
perature. Large capacitor values are typically com-
posed of X7R, X5R, Z5U or Y5V dielectric materi-
als.
Large ceramic capacitors, typically greater
than 2.2µF are often available in low cost Y5V and
Z5U dielectrics.
If these types of capacitors are
selected for use with the charge pump, the nominal
value should be doubled to compensate for the
capacitor tolerance which can vary more than ±50%
over the operating temperature range of the device.
A 10µF Y5V capacitor could be reduced to less than
5µF over temperature, this could cause problems
for circuit operation. X7R and X5R dielectrics are
much more desirable. The temperature tolerance
of X7R dielectric is better than ±15%.
Capacitor area is another contributor to ESR.
Capacitors that are physically large will have a lower
ESR when compared to an equivalent material
smaller capacitor. These larger devices can improve
circuit transient response when compared to an
equal value capacitor in a smaller package size.


Similar Part No. - AAT3111IGU-36-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3111IGU-3.3-T1 AAT-AAT3111IGU-3.3-T1 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
AAT3111IGU-3.6-T1 AAT-AAT3111IGU-3.6-T1 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results

Similar Description - AAT3111IGU-36-T1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221 LINER-LTC3221_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC3221-3.3 LINER-LTC3221-3.3_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com