Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB5R1DE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TB5R1DE4
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5R1DE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TB5R1DE4 Datasheet HTML 3Page - Texas Instruments TB5R1DE4 Datasheet HTML 4Page - Texas Instruments TB5R1DE4 Datasheet HTML 5Page - Texas Instruments TB5R1DE4 Datasheet HTML 6Page - Texas Instruments TB5R1DE4 Datasheet HTML 7Page - Texas Instruments TB5R1DE4 Datasheet HTML 8Page - Texas Instruments TB5R1DE4 Datasheet HTML 9Page - Texas Instruments TB5R1DE4 Datasheet HTML 10Page - Texas Instruments TB5R1DE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
Power Dissipation
V
Sn
I
Sn
(1)
(V
Ln
I
Ln)
(2)
T
J
+ TA ) PD
q
JA
(3)
T
J
+ TA ) PD
q
JA(S)
(4)
q
JA(S)
+
q
JC
)qCA
q
JB
)qBA
q
JC
)qCA)qJB)qBA
(5)
40
60
80
100
120
140
0
100
200
300
400
500
D, Low−K
DW, Low−K
DW, High−K
D, High−K
TB5R1, TB5R2
SLLS588C – NOVEMBER 2003 – REVISED JANUARY 2008
which the device is mounted and on the airflow over
the
device
and
PCB.
JEDEC/EIA
has
defined
standardized test conditions for measuring
θ
JA. Two
The power dissipation rating, often listed as the
commonly used conditions are the low-K and the
package dissipation rating, is a function of the
high-K
boards,
covered
by
EIA/JESD51-3
and
ambient temperature, TA, and the airflow around the
EIA/JESD51-7 respectively. Figure 10 shows the
device. This rating correlates with the device's
low-K and high-K values of
θ
JA versus air flow for this
maximum junction temperature, sometimes listed in
device and its package options.
the absolute maximum ratings tables. The maximum
The standardized
θ
JA
values may not accurately
junction temperature accounts for the processes and
represent the conditions under which the device is
materials used to fabricate and package the device,
used. This can be due to adjacent devices acting as
in addition to the desired life expectancy.
heat sources or heat sinks, to nonuniform airflow, or
There are two common approaches to estimating the
to the system PCB having significantly different
internal die junction temperature, TJ. In both of these
thermal characteristics than the standardized test
methods, the device internal power dissipation PD
PCBs. The second method of
system
thermal
needs to be calculated This is done by totaling the
analysis is more accurate. This calculation uses the
supply power(s) to arrive at the system power
power dissipation and ambient temperature, along
dissispation:
with two device and two system-level parameters:
• θ
JC,
the junction-to-case thermal resistance, in
degrees Celsius per watt
and then subtracting the total power dissipation of the
• θ
JB, the junction-to-board thermal resistance, in
external load(s):
degrees Celsius per watt
• θ
CA, the case-to-ambient thermal
resistance, in
degrees Celsius per watt
The first TJ calculation uses the power dissipation
• θ
BA, the board-to-ambient thermal resistance, in
and ambient temperature, along with one parameter:
degrees Celsius per watt.
θ
JA,
the junction-to-ambient thermal resistance, in
In this analysis, there are two parallel paths, one
degrees Celsius per watt.
through the case (package) to the ambient, and
The product of PD and θJA is the junction temperature
another through the device to the PCB to the
rise above the ambient temperature. Therefore:
ambient.
The
system-level
junction-to-ambient
thermal impedance,
θ
JA(S), is the equivalent parallel
impedance of the two parallel paths:
where
The device parameters
θ
JC and θJB account for the
internal structure of the device. The system-level
parameters
θ
CA and θBA take into account details of
the
PCB
construction,
adjacent
electrical
and
mechanical
components,
and
the
environmental
conditions including airflow. Finite element (FE), finite
difference (FD), or computational fluid dynamics
(CFD) programs can determine
θ
CA and θBA. Details
on using these programs are beyond the scope of
this data sheet, but are available from the software
manufacturers.
Figure 10. Thermal Impedance vs Air Flow
Note that
θ
JA is highly dependent on the PCB on
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TB5R1 TB5R2


Similar Part No. - TB5R1DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R1DE4 TI-TB5R1DE4 Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DE4 TI1-TB5R1DE4 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB5R1DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com