Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-7452 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-7452
Description  128-CH Isolated DI & 128-CH Isolated DO Card
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-7452 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-7452 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-7452 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-57 www.adlinktech.com
CompactPCI
128-CH Isolated DI & 128-CH Isolated DO Card
cPCI-7452
Introduction
The ADLINK cPCI-7452 is a 256-CH extra-high-density opto-isolated digital input and output card. It provides a
robust 2500 VRMS isolation protection, suitable for most industrial applications. The wide input range of the cPCI-7452
makes it easy to sense the status of external devices. The cPCI-7452 also features a wide output range from 5 to 35 V,
suitable for driving relays and use in industrial automation applications. The cPCI-7452 provides sink drive outputs. The
cPCI-7452 provides Change-of-State interrupt on all digital input channels, simplifying configuration and management.
Features
6UEurocardformfactor,CompactPCIcompliant
(PICMG 2.0 R3.0)
128-CH isolated digital inputs and 128-CH isolated
digital outputs
Non-polarity digital input range
Isolated input voltage up to 28 VDC
Isolation voltage up to 2500 VRMS
Sink current up to 300 mA on each isolated output
Interrupt sources: 128-CH DI Change-of- State
Output status read back
■ Operating Systems
• Windows 7/Vista/XP/2000/2003 Server
• Linux
■ Recommended Software
• AD-Logger
• VB.NET/VC.NET/VB/VC++/BCB/Delphi
• DAQBench
■ Driver Support
• DAQPilot for LabVIEW™
• DAQ-MTLB for MATLAB®
• PCIS-DASK for Windows
• PCIS-DASK/X for Linux
Specifications
Isolated Digital Input
Number of channels: 128
Maximum input range: 24 V, non-polarity
Digital logic levels: 0-24 V, non-polarity
• Input high voltage: 5-24 V
• Input low voltage: 0-2 V
Input resistance: 2.4 kΩ @ 1/2 W
ESD protection CKT switch (Forward)
Isolation voltage: 2500 VRMS channel-to-system
Interrupt sources: 128 channel Change-of-state
(COS)
Data transfer: programmed I/O
Isolated Digital Output
Number of channels: 128
Supply voltage: 5-35 V
Output type: open collector Darlington transistor
Sink current: 500 mA for one channel @ 100% duty
Isolation voltage: 2500 VRMS channel-to-system
Data transfer: programmed I/O
Isolation +5 V Power Supply
Output Voltage: +5 V
Output Current: 100 mA max. (@ 40˚C)
General Specifications
I/O connector
Two 200-pin dual port VHDCI female
Operating temperature: 0˚C to 60˚C
Storage temperature: -20˚C to 80˚C
Relative humidity: 5% to 95%, non-condensing
Power requirements
Dimensions (not including connectors)
233.35 mm (L) x 160 mm (W)
3.3 V
300 mA typical
+5 V
1.26 A typical
Terminal Boards & Cables
■ DIN-100S-01
Terminal Board with One 100-pin SCSI-II
Connector and DIN-Rail Mounting (Cables are not
included.)
■ ACL-102150-1
SCSI-100 to MINI SCSI-100 connector, 1 M (cPCI-7452 only)
* For more information on mating cables, please refer to P2-61/62.
Ordering Information
■ cPCI-7452
128-CH Isolated DI & 128-CH Isolated DO Card


Similar Part No. - CPCI-7452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-7432 ETC2-CPCI-7432 Datasheet
353Kb / 2P
   64-CH Isolated Digital I/O Cards
logo
Adlink Technology Inc.
CPCI-7432 ADLINK-CPCI-7432 Datasheet
208Kb / 1P
   64-CH Isolated Digital I/O Cards
logo
List of Unclassifed Man...
CPCI-7433 ETC2-CPCI-7433 Datasheet
353Kb / 2P
   64-CH Isolated Digital I/O Cards
logo
Adlink Technology Inc.
CPCI-7433 ADLINK-CPCI-7433 Datasheet
208Kb / 1P
   64-CH Isolated Digital I/O Cards
logo
List of Unclassifed Man...
CPCI-7434 ETC2-CPCI-7434 Datasheet
353Kb / 2P
   64-CH Isolated Digital I/O Cards
More results

Similar Description - CPCI-7452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI-7442 ETC2-PCI-7442 Datasheet
297Kb / 2P
   High-density 128-CH Isolated DIO/DI/DO Cards
logo
Advantech Co., Ltd.
PCI-1758UDI ADVANTECH-PCI-1758UDI_15 Datasheet
234Kb / 1P
   128-ch Isolated Digital Input Universal PCI Card
PCI-1758UDIO ADVANTECH-PCI-1758UDIO Datasheet
128Kb / 1P
   128-ch Isolated Digital Input Universal PCI Card
PCI-1758UDI ADVANTECH-PCI-1758UDI Datasheet
298Kb / 1P
   128-ch Isolated Digital Input Universal PCI Card
PCIE-1758DI ADVANTECH-PCIE-1758DI Datasheet
356Kb / 1P
   128-ch Isolated Digital Input PCI Express Card
15-May-2020
logo
List of Unclassifed Man...
PCI-7258 ETC2-PCI-7258 Datasheet
298Kb / 1P
   32-CH PhotoMos Relay Outputs & 2-CH Isolated DI Card
PCI-7256 ETC2-PCI-7256 Datasheet
309Kb / 2P
   16-CH Latching Relay Outputs & 16-CH Isolated DI Card
CPCI-7252 ETC2-CPCI-7252 Datasheet
407Kb / 2P
   8-CH Relay Outputs & 8-CH Isolated DI Cards
logo
Adlink Technology Inc.
PCI-7250 ADLINK-PCI-7250 Datasheet
278Kb / 1P
   8-CH Relay Outputs & 8-CH Isolated DI Cards
logo
Advantech Co., Ltd.
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E_15 Datasheet
333Kb / 2P
   Isolated 16 DI / 8 DO, 1-Ch, DB37, PCIe I/F
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com