Electronic Components Datasheet Search |
|
ERJ6RSFR22V Datasheet(PDF) 2 Page - Panasonic Battery Group |
|
ERJ6RSFR22V Datasheet(HTML) 2 Page - Panasonic Battery Group |
2 / 3 page Thick Film Chip Resistors / Low Resistance Type Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. – 18 – E 1 R 2 J 3 L 4 1 5 4 6 K 7 J 8 5 9 0 10 M 11 U 12 Thick Film Chip Resistors Product Code Size, Power Rating Type: inch 0.1 W (0.2 W) 0.125 W (0.25 W) 0.25 W (0.33 W) 0.33 W 0.5 W 0.5 W 1W Power R. Code K U Resistance Tolerance Code F J Tolerance ± 1% ± 5% Shown by 3 digits or letters. (Ex.) 50 M:50 m ,10 C:100 m Resistance Value Packaging Methods Code V U Packaging Type Punched Carrier Taping 4mm pitch, 5,000 pcs. Embossed Carrier Taping 4mm pitch, 5,000 pcs. Embossed Carrier Taping 4mm pitch, 4,000 pcs. ERJL03 ERJL06 ERJL08 ERJL14 ERJL12 ERJL1D ERJL1W Std. 20 m to 100 m Res. Value L03 : 0603 L06 : 0805 L08 : 1206 L14 : 1210 L12 : 1812 L1D : 2010 L1W : 2512 20 m ,22m ,33m , 39 m ,47m ,50m , 100 m () ✽ ✽ ✽ L03, L06, L08 : 47 m to 100 m L1D, L1W : 40 m to 100 m Protective coating Alumina substrate Electrode (Inner) Electrode (Between) Electrode (Outer) Thick film resistive element a b t W L ● ERJL03, L06, L08, L14, L12, L1D, L1W Series Low TCR type Type (inch size) Power Rating at 70 °C (W) Resistance Tolerance (%) Resistance Range ( ) T.C.R. ( 10 –6/°C) Category Temperature Range (°C) ERJ2BS (0402) 0.125 (0.166) (1) ±2, ±5 0.10 to 0.20 (E24) ±300 –55 to +125 ERJ2BQ (0402) ±1, ±2, ±5 0.22 to 1.0 (E24) ±250 ERJ3BS (0603) 0.2 (0.25) (1) ±1, ±2, ±5 0.10 to 0.20 (E24) ±300 –55 to +125 ERJ3BQ (0603) 0.22 to 0.91 (E24) 1.0 to 9.1 (E24) ±200 ERJ6BS (0805) 0.25 (0.33) (1) ±1, ±2, ±5 0.10 to 0.20 (E24) ±250 –55 to +125 ERJ6BQ (0805) 0.22 to 0.91 (E24) 1.0 to 9.1 (E24) ±200 ERJ8BS (1206) 0.33 (0.5) (1) ±1, ±2, ±5 0.10 to 0.20 (E24) ±250 –55 to +125 ERJ8BQ (1206) 0.22 to 0.91 (E24) 1.0 to 9.1 (E24) ±200 ERJ14BS (1210) 0.5 ±1, ±2, ±5 0.10 to 0.20 (E24) ±200 –55 to +125 ERJ14BQ (1210) 0.22 to 0.91 (E24) 1.0 to 9.1 (E24) ±100 Type (inch size) Dimensions (mm) Mass(Weight) [g/1000 pcs.] LWa b t ERJ2BW (0402) 1.00 ±0.10 0.50+0.10 0.24±0.10 0.24±0.10 0.35±0.05 0.8 ERJ2BS (0402) ERJ2BQ 1.00 ±0.10 0.50+0.10 0.20±0.10 0.27±0.10 0.35±0.05 0.8 ERJ3BW (0603) 1.60 ±0.15 0.80±0.15 0.40±0.20 0.40±0.20 0.55±010 3 ERJ3R ERJ3B (0603) ERJL03 1.60 ±0.15 0.80+0.15 0.30±0.20 0.30±0.15 0.45±0.10 2 ERJ6BW(0805) 2.00 ±0.20 1.25±0.20 0.55±0.20 0.55±0.20 0.65±0.10 6 ERJ6R ERJ6B (0805) ERJL06 2.00 ±0.20 1.25±0.10 0.40±0.20 0.40±0.20 0.60±0.10 4 ERJ8BW(1206) 3.20 ±0.20 1.60±0.20 1.00±0.20 1.00±0.20 0.65±0.10 13 ERJ8R ERJ8B (1206) ERJL08 3.20 +0.05 1.60+0.05 0.50±0.20 0.50±0.20 0.60±0.10 10 ERJ14R ERJ14B (1210) ERJL14 3.20 ±0.20 2.50±0.20 0.50±0.20 0.50±0.20 0.60±0.10 16 ERJ12R (1812) ERJL12 4.50 ±0.20 3.20±0.20 0.50±0.20 0.50±0.20 0.60±0.10 27 ERJ12Z (2010) ERJL1D 5.00 ±0.20 2.50±0.20 0.60±0.20 0.60±0.20 0.60±0.10 27 ERJ1TR (2512) ERJL1W 6.40 ±0.20 3.20±0.20 0.65±0.20 0.60±0.20 0.60±0.10 45 6.40 ±0.20 3.20±0.20 0.65±0.20 1.30±0.20 1.10±0.10 79 –0.20 –0.15 –0.05 –0.05 –0.05 ■ Construction ■ Dimensions in mm (not to scale) ■ Ratings (1) Please contact us when resistors with guaranteed high power are needed. <High power type> Sep. 2010 00 |
Similar Part No. - ERJ6RSFR22V |
|
Similar Description - ERJ6RSFR22V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |