Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V35TL20JGI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IDT70V35TL20JGI
Description  HIGH-SPEED 3.3V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDT70V35TL20JGI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IDT70V35TL20JGI Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT70V35TL20JGI Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT70V35TL20JGI Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT70V35TL20JGI Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT70V35TL20JGI Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT70V35TL20JGI Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT70V35TL20JGI Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT70V35TL20JGI Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT70V35TL20JGI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
6.42
IDT70V35/34S/L
(IDT70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
5624 drw 04
I/O7L
63
61
60
58
55
54
51
48
46
45
66
67
69
72
75
76
79
81
82
83
125
7
8
11
10
12
14
17
20
23
26
28
29
32
31
33
35
38
41
43
IDT70V25/24
G
G84-3(4)
84-Pin PGA
Top View(5)
A
B
CDE
F
G
HJ
K
L
42
59
56
49
50
40
25
27
30
36
34
37
39
84
346915
13
16
18
22
24
19
21
68
71
70
77
80
UBR
CER
VSS
11
10
09
08
07
06
05
04
03
02
01
64
65
62
57
53
52
47
44
73
74
78
VSS
VSS
R/
WR
OER
LBR
VSS
VSS
SEMR
UBL
CEL
R/
WL
OEL
VSS
SEML
VDD
LBL
INTR
BUSYR
BUSYL
M/
S
INTL
A11L
Index
I/O5L
I/O4L
I/O2L
I/O0L
I/O10L
I/O8L
I/O6L
I/O3L
I/O1L
I/O11L
I/O9L
I/O13L
I/O12L
I/O15L
I/O14L
I/O0R
A9L
A10L
A8L
A7L
A5L
A6L
A4L
A3L
A2L
A0L
A1L
A0R
A2R
A1R
A5R
A3R
A6R
A4R
A9R
A7R
A8R
A10R
A11R
I/O1R
I/O2R
VDD
I/O3R
I/O4R
I/O5R
I/O7R
I/O6R
I/O9R
I/O8R
I/O11R
I/O10R
I/O12R
I/O13R
I/O14R
I/O15R
VDD
A12R(1)
A12L(1)
06/11/04
Pin Configurations(1,2,3,4)(con't)
NOTES:
1.
A12 is a NC for IDT70V24.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground supply.
4. G84-3 package body is approximately 1.12 in x 1.12 in x .16 in.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part marking.


Similar Part No. - IDT70V35TL20JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35TSGGI IDT-IDT70V35TSGGI Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V35TL20JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Toshiba Semiconductor
TLP2066 TOSHIBA-TLP2066 Datasheet
192Kb / 6P
   High Speed Interface 3.3V Supply Voltage
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com