Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ23RSGR22X Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # ERJ23RSGR22X
Description  Thick Film Chip Resistors / Low Resistance Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ERJ23RSGR22X Datasheet(HTML) 3 Page - Panasonic Battery Group

  ERJ23RSGR22X Datasheet HTML 1Page - Panasonic Battery Group ERJ23RSGR22X Datasheet HTML 2Page - Panasonic Battery Group ERJ23RSGR22X Datasheet HTML 3Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors / Low Resistance Type
– 19 –
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
155
°C
70
°C
Ambient Temperature (
°C)
20
40
60
80
100
–55
°C
2B, 3R, 3B, 6R, 6B, 8R, 8B,
14R, 14B, 12R, 12Z, 1TR,
L03, L06, L08, L14, L12, L1D, L1W
2BW, 3BW
6BW, 8BW
125
°C
Type (inch size)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
(2)
Range
( )
T.C.R.
( 10
–6/°C)
Category
Temperature Range
(°C)
ERJL03
(0603)
0.1
(0.2)
(1)
±1, ±5
47 m to 100 m
±200
–55 to +125
ERJL06
(0805)
0.125
(0.25)
(1)
±1,±5
47 m to 100 m
±100
–55 to +125
ERJL08
(1206)
0.25
(0.33)
(1)
±1, ±5
47 m to 100 m
±100
–55 to +125
ERJL14
(1210)
0.33
±1, ±5
20 m to 100 m
R<47 m :±300
R
>47 m :±100
–55 to +125
ERJL12
(1812)
0.5
±1, ±5
20 m to 100 m
–55 to +125
ERJL1D
(2010)
0.5
±1, ±5
40 m to 100 m
–55 to +125
ERJL1W (2512)
1±1, ±5
40 m to 100 m
–55 to +125
Type (inch size)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
(2)
Range
( )
T.C.R.
( 10
–6/°C)
Category
Temperature Range
(°C)
ERJ3RS (0603)
0.1
±1, ±2, ±5
0.10 to 0.20 (E24)
±300
–55 to +125
ERJ3RQ (0603)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ6RS (0805)
0.125
±1, ±2, ±5
0.10 to 0.20 (E24)
±250
–55 to +125
ERJ6RQ (0805)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ8RS (1206)
0.25
±1, ±2, ±5
0.10 to 0.20 (E24)
±250
–55 to +125
ERJ8RQ (1206)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ14RS (1210)
0.25
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ14RQ (1210)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
ERJ12RS (1812)
0.5
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ12RQ (1812)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
ERJ12ZS (2010)
0.5
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 ~ +125
ERJ12ZQ (2010)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
ERJ1TRS (2512)
1±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ1TRQ (2512)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
<Low TCR type>
<Standard type>
(1) Please contact us when resistors with guaranteed high power are needed.
(2) Standard R.V. : 20 m , 22 m , 33 m , 39 m , 47 m , 50 m , 100 m , Custom R.V. : Each 1 m
within upper range.
Type (inch size)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
Range
( )
T.C.R.
( 10
–6/°C)
Category
Temperature Range
(°C)
ERJ2BW (0402)
0.125 (0.25)
(1)
±2, ±5
47 m to 100 m(E24)
±300
–55 to +155
ERJ3BW (0603)
0.25
±1, ±2, ±5
20 m to 100 m(E24)
R<39m
:±250
R
>39m :±150
–55 to +155
ERJ6BW (0805)
0.33
±1, ±2, ±5
10 m to 100 m(E24)
R<15m
:±300
R
>15m :±200
–55 to +155
ERJ8BW (1206)
0.5 (1)
(1)
±1, ±2, ±5
10 m to 100 m(E24)
10 m
< R < 20 m : ±200
20 m
< R < 47 m : ±150
47 m
< R < 100 m : ±100
–55 to +155
Ratings
<High power (double-sided resistive elements structure) type>
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Sep. 2010
00


Similar Part No. - ERJ23RSGR22X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ2BQ PANASONIC-ERJ2BQ Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ2BQ PANASONIC-ERJ2BQ Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ2BQ PANASONIC-ERJ2BQ Datasheet
109Kb / 4P
   Thick Film Chip Resistors Low Resistance Type
ERJ2BQ PANASONIC-ERJ2BQ Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ2BQ PANASONIC-ERJ2BQ Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJ23RSGR22X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL08KF47MV PANASONIC-ERJL08KF47MV Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com